Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71030M Datasheet (PDF) - Renesas Technology Corp

ISL71030M Datasheet PDF - Renesas Technology Corp
Part # ISL71030M
Download  ISL71030M Download
File Size   708.34 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant 5V 16-Channel Analog Multiplexer

ISL71030M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71030M Datasheet PDF - Renesas Technology Corp

Part # ISL71030M
Download  ISL71030M Click to download

File Size   708.34 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant 5V 16-Channel Analog Multiplexer

ISL71030M Datasheet (HTML) - Renesas Technology Corp


ISL71030M Product details

▪ Qualified to Renesas Rad Tolerant Screening and
QCI Flow (R34TB0004EU)
▪ Fabricated using P6 SOI process technology
▪ Rail-to-rail operation
▪ No latch-up
▪ Low rDS(ON): <120Ω (maximum)
▪ Single supply operation: 3V to 5.5V
▪ Adjustable logic threshold control
▪ Cold sparing capable: -0.4V to 7V
▪ Analog overvoltage range: -0.4V to 7V
▪ Switch input off leakage: 120nA
▪ Transition times (tAHL): 70ns
▪ Break-before-make switching
▪ ESD protection ≥5kV (HBM)
▪ Passes NASA low outgassing specifications
▪ NiPdAu lead finish (Pb-free, Sn-free)
▪ Operating temperature range: -55°C to +125°C
▪ TID Radiation Lot Acceptance Testing
(LDR: <0.01rad(Si)/s)
• ISL71030M30NZ: 30krad(Si)
• ISL71030M50NZ: 50krad(Si)
▪ SEE Characterization
• No DSEE for V+ = 7V at 43MeV•cm2/mg
• |VOUT SET| < 70mV with V+ = 5.5V and
VOUT = 2.75V at 43MeV•cm2/mg




Similar Part No. - ISL71030M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71030M INTERSIL-ISL71030M Datasheet
642Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
logo
Intersil Corporation
ISL71030MNZ INTERSIL-ISL71030MNZ Datasheet
642Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
logo
Renesas Technology Corp
ISL71030MNZ RENESAS-ISL71030MNZ Datasheet
687Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
logo
Intersil Corporation
ISL71030MNZ-T INTERSIL-ISL71030MNZ-T Datasheet
642Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
More results


Similar Description - ISL71030M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MUX8522 AEROFLEX-MUX8522 Datasheet
324Kb / 8P
MUX8522 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
MUX8532 AEROFLEX-MUX8532 Datasheet
90Kb / 8P
MUX8532 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant
MUX8562 AEROFLEX-MUX8562 Datasheet
97Kb / 8P
MUX8562 Dual 16-Channel Analog Multiplexer Module plus 5V, Radiation Tolerant
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
ISL71830SEH INTERSIL-ISL71830SEH Datasheet
1Mb / 20P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
November 18, 2016
ISL71030M INTERSIL-ISL71030M Datasheet
642Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
ISL71830SEH RENESAS-ISL71830SEH Datasheet
2Mb / 21P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Dec 8, 2022
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com