Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS84-HF Datasheet (PDF) - Comchip Technology

BSS84-HF Datasheet PDF - Comchip Technology
Part # BSS84-HF
Download  BSS84-HF Download
File Size   498.01 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description P-Channel MOSFET

BSS84-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS84-HF Datasheet PDF - Comchip Technology

Part # BSS84-HF
Download  BSS84-HF Click to download

File Size   498.01 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description P-Channel MOSFET

BSS84-HF Datasheet (HTML) - Comchip Technology


BSS84-HF Product details

Features
- VDS(V) = -50V
- ID = -130mA
- RDS(ON) < 10Ω (VGS= -5V)




Similar Part No. - BSS84-HF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84-13-F DIODES-BSS84-13-F Datasheet
101Kb / 5P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 20
BSS84-13-F DIODES-BSS84-13-F Datasheet
289Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 22
BSS84-7 DIODES-BSS84-7 Datasheet
48Kb / 2P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30149 Rev. 5 - 2
BSS84-7-F DIODES-BSS84-7-F Datasheet
103Kb / 3P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30149 Rev. 11 - 2
BSS84-7-F DIODES-BSS84-7-F Datasheet
106Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev. 14 - 2 February 2010
More results


Similar Description - BSS84-HF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com