Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-2014CS-TR Datasheet (PDF) - Super Micro Computer, Inc.

AS-2014CS-TR Datasheet PDF - Super Micro Computer, Inc.
Part # AS-2014CS-TR
Download  AS-2014CS-TR Download
File Size   451.41 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description CloudDC A Server AS -2014CS-TR

AS-2014CS-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
AS-2014CS-TR Datasheet PDF - Super Micro Computer, Inc.

Part # AS-2014CS-TR
Download  AS-2014CS-TR Click to download

File Size   451.41 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description CloudDC A Server AS -2014CS-TR

AS-2014CS-TR Datasheet (HTML) - Super Micro Computer, Inc.


AS-2014CS-TR Product details

Key Applications
Networking Appliance, Cloud Computing, content Delivery Network (CDN),
Deep Learning Inferencing, Financial Services, Private Cloud,
Key Features
Single AMD EPYC™ 7002/7003 Series Processor
(The latest AMD EPYC™ 7003 Series Processor with AMD 3D V-Cache™
Technology requires BIOS version 2.3 or newer);
16 DIMMs; up to 4TB 3DS ECC DDR4-3200MHz RDIMM/LRDIMM;
4 PCIe 4.0 x16 FH, 10.5" L slots
2 AIOM slots for flexible networking (1 x8 AIOM slot + 1 x16 AIOM slot);
12 Hot-swap 3.5" SATA3/SAS3/NVMe drive bays
12 SATA3 by default
or 8 SATA3 + 4NVMe via optional cables
or 12 SAS3 via optional SAS kit
Optional dual 2.5" peripheral drive bays via rear drive bay kits
M.2 Interface: 2 PCIe 4.0 x4
M.2 Form Factor: 2242, 2260, 2280, 22110
M.2 Key: M-key;




Similar Part No. - AS-2014CS-TR

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
AS-2014S-TR SUPERMICRO-AS-2014S-TR Datasheet
438Kb / 2P
Mainstream A Server AS -2014S-TR
AS-2014TP-HTR SUPERMICRO-AS-2014TP-HTR Datasheet
574Kb / 2P
TwinPro A Server AS -2014TP-HTR
More results


Similar Description - AS-2014CS-TR

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VDC1093 CPI-VDC1093 Datasheet
317Kb / 1P
TR Limiter
VDC1097 CPI-VDC1097 Datasheet
344Kb / 1P
TR Limiter
VDC1110 CPI-VDC1110 Datasheet
320Kb / 1P
TR Limiter
VDS1124 CPI-VDS1124 Datasheet
130Kb / 1P
TR Limiter
VDU1690 CPI-VDU1690 Datasheet
308Kb / 1P
Pre-TR,TR Limiter
VDX1362 CPI-VDX1362 Datasheet
343Kb / 1P
Pre-TR, TR Limiter
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
As Easy To Install as a Microswitch
logo
List of Unclassifed Man...
TR-6101 ETC2-TR-6101 Datasheet
46Kb / 1P
TR SERIES
logo
Kingbright Corporation
AA2214VRBXS-A-TR-AMT KINGBRIGHT-AA2214VRBXS-A-TR-AMT Datasheet
319Kb / 6P
AA2214VRBXS/A-TR-AMT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com