Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD2016B075TF Datasheet (PDF) - BRIGHTKING (SHENZHEN) CO LTD.

SMD2016B075TF Datasheet PDF - BRIGHTKING (SHENZHEN) CO LTD.
Part # SMD2016B075TF
Download  SMD2016B075TF Download
File Size   474.74 Kbytes
Page   8 Pages
Manufacturer  BRIGHTKING [BRIGHTKING (SHENZHEN) CO LTD.]
Direct Link  http://brightking.pulseelectronics.com/index.aspx
Logo BRIGHTKING - BRIGHTKING (SHENZHEN) CO LTD.
Description Positive Temperature Coefficient (PTC) Data Sheet

SMD2016B075TF Datasheet (PDF)

Go To PDF Page Download Datasheet
SMD2016B075TF Datasheet PDF - BRIGHTKING (SHENZHEN) CO LTD.

Part # SMD2016B075TF
Download  SMD2016B075TF Click to download

File Size   474.74 Kbytes
Page   8 Pages
Manufacturer  BRIGHTKING [BRIGHTKING (SHENZHEN) CO LTD.]
Direct Link  http://brightking.pulseelectronics.com/index.aspx
Logo BRIGHTKING - BRIGHTKING (SHENZHEN) CO LTD.
Description Positive Temperature Coefficient (PTC) Data Sheet

SMD2016B075TF Datasheet (HTML) - BRIGHTKING (SHENZHEN) CO LTD.


SMD2016B075TF Product details

Description
The 2016 series provides miniature surface mount resettable overcurrent protection
with holding current from 0.3A to 2.0A. This series is suitable for applications with
applications where space is at a premium and the device current is low.

Features
■ RoHS compliant and lead-free
■ Fast response to fault current
■ Halogen-free
■ UL/CULE482628
■ RoHS2011/65/EU
■ Low profile
■ Compatible with high temperature solders
■ Compact design saves board space
■ TUV B160696048001
■ Halogen FreeEN 14582:2007

Applications
■ USB hubs, ports and peripherals
■ Set-top-box and HDMI
■ Game console port protection
■ Motherboard USB & IEEE 1394 protection
■ Optical disk drives
■ General electronics




Similar Part No. - SMD2016B075TF

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SMD2016B075TF YAGEO-SMD2016B075TF Datasheet
490Kb / 10P
Positive Temperature Coefficient (PTC)
Nov. 05, 2024 V.5
More results


Similar Description - SMD2016B075TF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Infineon Technologies A...
SIGC20T120LE INFINEON-SIGC20T120LE Datasheet
175Kb / 5P
positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC32T120R3E INFINEON-SIGC32T120R3E Datasheet
180Kb / 5P
positive temperature coefficient
Rev 2.3, 27.06.2014
logo
SUNMATE electronic Co.,...
SM06 SUNMATE-SM06 Datasheet
404Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600 SUNMATE-SM600 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD0603P SUNMATE-SMD0603P Datasheet
1Mb / 5P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD0805P SUNMATE-SMD0805P Datasheet
1Mb / 6P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD1206P SUNMATE-SMD1206P Datasheet
1Mb / 6P
POSITIVE THERMAL COEFFICIENT(PTC)
SMD2018 SUNMATE-SMD2018 Datasheet
468Kb / 4P
POSITIVE THERMAL COEFFICIENT(PTC)
SMVR240 SUNMATE-SMVR240 Datasheet
635Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com