Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3350 Datasheet (PDF) - Comus International

3350 Datasheet PDF - Comus International
Part # 3350
Download  3350 Download
File Size   347.33 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description High Voltage Reed Relays

3350 Datasheet (PDF)

Go To PDF Page Download Datasheet
3350 Datasheet PDF - Comus International

Part # 3350
Download  3350 Click to download

File Size   347.33 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description High Voltage Reed Relays

3350 Datasheet (HTML) - Comus International


3350 Product details

FEATURES
• Industry Standard Packages
• Up to 7,500 VDC Switching Voltage
• Up to 10,000 VDC Dielectric Strength
• Up to 200 Watts / 5 Amp Carry Current
• Contact Forms: 1 Form A or 1 Form B
• Custom Designs Welcome




Similar Part No. - 3350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3350 ETC1-3350 Datasheet
48Kb / 1P
4700
3350 ETC2-3350 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3350 ETC2-3350 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3350 HEYCO-3350 Datasheet
176Kb / 1P
Standoff Cable Holders - Arrowhead Mount
logo
Adafruit Industries
3350 ADAFRUIT-3350 Datasheet
405Kb / 2P
Rugged Metal Pushbutton - 16mm 6V RGB Momentary
2-12-18
More results


Similar Description - 3350

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7000-05-1000 COTO-7000-05-1000 Datasheet
277Kb / 4P
High Reliability Reed Relays
9104-05-10 COTO-9104-05-10 Datasheet
241Kb / 2P
Hi Voltage SIP Reed Relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
High Voltage Reed Relays
HE12-1A83-02 MEDER-HE12-1A83-02 Datasheet
759Kb / 4P
High Voltage Reed Relays for PCB Mounting
logo
List of Unclassifed Man...
DAT72415F ETC2-DAT72415F Datasheet
1Mb / 2P
high voltage reed relays 15kV, 50W
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
high voltage reed relays
logo
Meder Electronic
HM12-1A83-02 MEDER-HM12-1A83-02_10 Datasheet
387Kb / 4P
High Voltage Reed Relays for PCB Mounting
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
5500 SERIES/HIGH VOLTAGE REED RELAYS
9104 COTO-9104 Datasheet
590Kb / 2P
9104 SERIES/HIGH VOLTAGE SIP REED RELAYS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com