Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3570-1331 Datasheet (PDF) - Comus International

3570-1331 Datasheet PDF - Comus International
Part # 3570-1331
Download  3570-1331 Download
File Size   369.58 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description General Purpose SIP - 1 Form A

3570-1331 Datasheet (PDF)

Go To PDF Page Download Datasheet
3570-1331 Datasheet PDF - Comus International

Part # 3570-1331
Download  3570-1331 Click to download

File Size   369.58 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description General Purpose SIP - 1 Form A

3570-1331 Datasheet (HTML) - Comus International


3570-1331 Product details

FEATURES
• SIP 1 Form A - 10 W molded dry reed relays
• Low cost switching solutions.
• Industry standard package.
• Optional internal coil suppression diode.
• 5, 12 and 24 volt coils available.
• UL File E125629




Similar Part No. - 3570-1331

ManufacturerPart #DatasheetDescription
logo
Comus International
3570-1339-1 COMUS-3570-1339-1 Datasheet
357Kb / 2P
Instrumentation Grade SIP - 1 Form A - High Power
More results


Similar Description - 3570-1331

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-8060 HP-HSSR-8060 Datasheet
260Kb / 13P
60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay
HSSR-8400 HP-HSSR-8400 Datasheet
261Kb / 13P
400 V/10 Ohm, General Purpose, 1 Form A, Solid State Relay
HSSR8060 HP-HSSR8060 Datasheet
249Kb / 12P
60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1410 AVAGO-ASSR-1410 Datasheet
196Kb / 15P
General Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1??
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Keysight Technologies
L4437A KEYSIGHT-L4437A Datasheet
1Mb / 9P
32-Channel Form A/Form C General Purpose Switch
logo
Broadcom Corporation.
ASSR-1410 BOARDCOM-ASSR-1410 Datasheet
693Kb / 16P
General-Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1廓)
logo
Everlight Electronics C...
EL6XXA EVERLIGHT-EL6XXA Datasheet
1Mb / 14P
GENERAL PURPOSE 1 FORM A SOLID STATE RELAY 6PIN DIP TYPE FORM A SSR
logo
List of Unclassifed Man...
HL3-1A-6SH ETC2-HL3-1A-6SH Datasheet
1Mb / 14P
1 Form A Configuration
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com