Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3570-1421 Datasheet (PDF) - Comus International

3570-1421 Datasheet PDF - Comus International
Part # 3570-1421
Download  3570-1421 Download
File Size   368.47 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Instrumentation Grade Mini SIP - 2 Form A

3570-1421 Datasheet (PDF)

Go To PDF Page Download Datasheet
3570-1421 Datasheet PDF - Comus International

Part # 3570-1421
Download  3570-1421 Click to download

File Size   368.47 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Instrumentation Grade Mini SIP - 2 Form A

3570-1421 Datasheet (HTML) - Comus International


3570-1421 Product details

FEATURES
• High Reliability Instrumentation Grade, reed switches with
sputtered Ruthenium contacts.
• 2 Form A relay, ideal for high density test matrices.
• Standard external magnetic shield
• Coil suppression diode (option)
• Industry standard package.
• Hermetically sealed contacts for long life
• High Insulation Resistance: 1012 Ω MIN
• UL File E125629
®




Similar Part No. - 3570-1421

ManufacturerPart #DatasheetDescription
logo
Comus International
3570-1429 COMUS-3570-1429 Datasheet
377Kb / 2P
Instrumentation Grade Mini SIP - 2 Form A
More results


Similar Description - 3570-1421

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
2 Form A slim power relay
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
2 Form A Solid State Relay
26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
2 Form A Solid-State Relay
25-Jul-11
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
2 Form A Solid-State Relay
25-Jul-11
logo
List of Unclassifed Man...
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
Tyco Electronics
MSS MACOM-MSS Datasheet
361Kb / 7P
Slide Switches, Instrumentation Grade
logo
Ningbo Tianbo Ganglian ...
TRA5 TIANBO-TRA5 Datasheet
1Mb / 3P
2 form A contact arrangements
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com