Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3570-1517 Datasheet (PDF) - Comus International

3570-1517 Datasheet PDF - Comus International
Part # 3570-1517
Download  3570-1517 Download
File Size   503.23 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Instrumentation Grade Ultra Mini SIP - 1 Form A

3570-1517 Datasheet (PDF)

Go To PDF Page Download Datasheet
3570-1517 Datasheet PDF - Comus International

Part # 3570-1517
Download  3570-1517 Click to download

File Size   503.23 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description Instrumentation Grade Ultra Mini SIP - 1 Form A

3570-1517 Datasheet (HTML) - Comus International


3570-1517 Product details

FEATURES
• High Reliability Instrumentation Grade reed switch with
sputtered Ruthenium contacts.
• 75% smaller PCB footprint than a full size SIP.
• 1 Amp carry current, 10 Watts, 170 VDC switching voltage.
• High Insulation Resistance: 1012 Ω MIN.
• Molded thermoset package.
• Standard external magnetic shield.
• Optional internal coil suppression diode.




Similar Part No. - 3570-1517

ManufacturerPart #DatasheetDescription
logo
Comus International
3570-1512 COMUS-3570-1512 Datasheet
535Kb / 2P
Instrumentation Grade Micro Mini SIP - 1 Form A
More results


Similar Description - 3570-1517

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111 Datasheet
208Kb / 5P
Dual 1 Form ADual 1 Form A Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in 1 Package
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
List of Unclassifed Man...
HL3-1A-6SH ETC2-HL3-1A-6SH Datasheet
1Mb / 14P
1 Form A Configuration
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com