Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73841SEH Datasheet (PDF) - Renesas Technology Corp

ISL73841SEH Datasheet PDF - Renesas Technology Corp
Part # ISL73841SEH
Download  ISL73841SEH Download
File Size   1601.81 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant 30V 32-Channel Analog Multiplexer

ISL73841SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73841SEH Datasheet PDF - Renesas Technology Corp

Part # ISL73841SEH
Download  ISL73841SEH Click to download

File Size   1601.81 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant 30V 32-Channel Analog Multiplexer

ISL73841SEH Datasheet (HTML) - Renesas Technology Corp


ISL73841SEH Product details

Features
• DLA SMD #5962-15220
• Fabricated using P6SOI process technology
• ESD protection 8kV (HBM)
• Rail-to-rail operation
• Overvoltage protection
• Low rON. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .<500Ω (typical)
• Flexible split rail operation
- Positive supply above GND (V+) . . . . . . . +10.8V to +16.5V
- Negative supply below GND (V-) . . . . . . . . -10.8V to -16.5V
• Adjustable logic threshold control with VREF pin
• Cold sparing capable (from ground). . . . . . . . . . . . . . . . .±25V
• Analog overvoltage range (from ground). . . . . . . . . . . . .±35V
• Off switch leakage . . . . . . . . . . . . . . . . . . . 100nA (maximum)
• Transition times (tR, tF) . . . . . . . . . . . . . . . . . . . 500ns (typical)
• Break-before-make switching
• Grounded metal lid (internally connected)
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation tolerance
- Low dose rate (0.01rad(Si)/s) . . . . . . . 50krad(Si) (Note 1)
- SEB LETTH . . . . . . . . . . . . . . . . . . . . . . . . .86.4MeV• cm2/mg




Similar Part No. - ISL73841SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEHF/PROTO RENESAS-ISL73841SEHF/PROTO Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEHVF RENESAS-ISL73841SEHVF Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEHVX RENESAS-ISL73841SEHVX Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results


Similar Description - ISL73841SEH

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
ISL71830SEH INTERSIL-ISL71830SEH Datasheet
1Mb / 20P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
November 18, 2016
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
ISL71030M INTERSIL-ISL71030M Datasheet
642Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com