Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTX130R Datasheet (PDF) - Renesas Technology Corp

PTX130R Datasheet PDF - Renesas Technology Corp
Part # PTX130R
Download  PTX130R Download
File Size   1161.72 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NFC Reader IC PTX130R

PTX130R Datasheet (PDF)

Go To PDF Page Download Datasheet
PTX130R Datasheet PDF - Renesas Technology Corp

Part # PTX130R
Download  PTX130R Click to download

File Size   1161.72 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NFC Reader IC PTX130R

PTX130R Datasheet (HTML) - Renesas Technology Corp


PTX130R Product details

Features
The architecture enables:
• Efficient power transmission with accurate
digital programmability of RF carrier and
modulation shape
• EMC filter removal due to sinewave output
driver and Direct Antenna Connection (DiRAC)
• -80dBc RX sensitivity with full dynamic range
due to DiRAC
• SDK composed of FW and SW integrated in a
Split Stack architecture with PTX130R firmware
update capability over the host processor:
- Modular SW stack running on the Host
architecture
- Integrated FW running on the on-chip MCU
for time-critical operations
• SDK support for AndroidTM 2 Integration
• Fractional-N PLL to support any reference input
clock frequency from 13.15MHz to 52MHz




Similar Part No. - PTX130R

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
PTX10000 JUNIPER-PTX10000 Datasheet
545Kb / 8P
PTX10000 LINE OF MODULAR ROUTERS
PTX10001 JUNIPER-PTX10001 Datasheet
487Kb / 8P
PTX10001 AND PTX10003 FIXED CONFIGURATION ROUTERS
PTX10001-36MR JUNIPER-PTX10001-36MR Datasheet
487Kb / 8P
PTX10001 AND PTX10003 FIXED CONFIGURATION ROUTERS
PTX10001-36MR-AC JUNIPER-PTX10001-36MR-AC Datasheet
487Kb / 8P
PTX10001 AND PTX10003 FIXED CONFIGURATION ROUTERS
PTX10001-36MR-DC JUNIPER-PTX10001-36MR-DC Datasheet
487Kb / 8P
PTX10001 AND PTX10003 FIXED CONFIGURATION ROUTERS
More results


Similar Description - PTX130R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
ICODE reader IC
Rev. 3.3-23 March 2010
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
PTX105R NFC Reader IC
June 2022
logo
Sony Corporation
RC-S620 SONY-RC-S620 Datasheet
627Kb / 2P
Embedded NFC Reader Module
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com