Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-2126HS-TN Datasheet (PDF) - Super Micro Computer, Inc.

AS-2126HS-TN Datasheet PDF - Super Micro Computer, Inc.
Part # AS-2126HS-TN
Download  AS-2126HS-TN Download
File Size   602.77 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description Hyper SuperServer AS -2126HS-TN

AS-2126HS-TN Datasheet (PDF)

Go To PDF Page Download Datasheet
AS-2126HS-TN Datasheet PDF - Super Micro Computer, Inc.

Part # AS-2126HS-TN
Download  AS-2126HS-TN Click to download

File Size   602.77 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description Hyper SuperServer AS -2126HS-TN

AS-2126HS-TN Datasheet (HTML) - Super Micro Computer, Inc.


AS-2126HS-TN Product details

Key Applications
Virtualization, Software-defined Storage, AI Inference and Machine Learning,
Cloud Computing, Enterprise Server, High Performance Computing (HPC),
Key Features
Dual AMD EPYC™ 9005/9004 Series Processors;
Support up to DDR5 24 DIMM slots (1DPC), speed up to 6400MT/s
(Please check System Memory Section for detail);
Optional PCIe slot configurations up to 8 PCIe 5.0 x8 or 4 PCIe 5.0 x16 slots
or mix and match;
Flexible networking options with 1 AIOM networking slot (OCP NIC 3.0
compatible);
Up to 24 front hot-swap 2.5" NVMe/SATA drive bays
2 M.2 PCIe 3.0 NVMe slots;
Capabilities for GPU and CXL 2.0 support;
Dual 1600W / 2000W / 2600W Redundant Titanium Level power supplies
(Power supply full redundancy based on configuration and application
load);




Similar Part No. - AS-2126HS-TN

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
AS-2126FT-HE-LCC SUPERMICRO-AS-2126FT-HE-LCC Datasheet
598Kb / 2P
Twin SuperServer AS -2126FT-HE-LCC
More results


Similar Description - AS-2126HS-TN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
logo
Lite-On Technology Corp...
LTP-3362JD LITEON-LTP-3362JD Datasheet
191Kb / 5P
This Device uses AS-AIInGaP Hyper RED LED chips
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
Hyper PointLED Hyper-Bright LED
logo
Samtec, Inc
ASP-151798-02-06.0 SAMTEC-ASP-151798-02-06.0 Datasheet
259Kb / 2P
STANDARD PART SET UP AS ASP FOR HYPER TRANSPORT STANDARD.
ASP-151798-03-06.5 SAMTEC-ASP-151798-03-06.5 Datasheet
252Kb / 2P
1. STANDARD PART SET UP AS ASP FOR HYPER TRANSPORT STANDARD
logo
List of Unclassifed Man...
KST1602B-W ETC2-KST1602B-W Datasheet
263Kb / 1P
TN/TRANSMISSIVE/NEGATIVE/BLUE
5018R-MR ETC-5018R-MR Datasheet
88Kb / 3P
SuperServer 5018R-MR
2026TT-DLRF ETC1-2026TT-DLRF Datasheet
15Mb / 104P
SuperServer
2028U-E1CNRT ETC1-2028U-E1CNRT Datasheet
162Kb / 3P
SuperServer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com