Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBA03 Datasheet (PDF) - BeRex Corporation

BBA03 Datasheet PDF - BeRex Corporation
Part # BBA03
Download  BBA03 Download
File Size   1367.92 Kbytes
Page   21 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 30-6000 MHz Flat Gain BroadBand AMP

BBA03 Datasheet (PDF)

Go To PDF Page Download Datasheet
BBA03 Datasheet PDF - BeRex Corporation

Part # BBA03
Download  BBA03 Click to download

File Size   1367.92 Kbytes
Page   21 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 30-6000 MHz Flat Gain BroadBand AMP

BBA03 Datasheet (HTML) - BeRex Corporation


BBA03 Product details

Device Features
• Gain = 14.7 dB @ 900MHz
• OIP3 = 39.7 dBm @ 900 MHz
• Output P1 dB = 20.5 dBm @ 900 MHz
• N.F = 1.85dB @ 900 MHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-89 SMT package

Product Description
The BBA03 is a BroadBand, GaAs E-pHEMT Amplifier that is ideal for applications demanding high linearity and gain flatness in a bandwidth of 30-6000 MHz. The BBA03 is internally matched to 50 Ohms and requires no external matching components. It is available in RoHS2-compliant SOT-89 SMT package. These devices are 100% DC and RF
tested to assure quality and performance.

Applications
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / EDGE / CDMA
• General Purpose Wireless
• IF amplifier, RF driver amplifier




Similar Part No. - BBA03

ManufacturerPart #DatasheetDescription
logo
Amphenol LTW
BBA00010666 LTW-BBA00010666 Datasheet
419Kb / 2P
SSL1.2 2P F CONN. ASSY
2014-10-16
BBA00010666 LTW-BBA00010666 Datasheet
430Kb / 2P
SSL1.2 2P M CONN. ASSY
2014-10-16
BBA00010667 LTW-BBA00010667 Datasheet
419Kb / 2P
SSL1.2 2P F CONN. ASSY
2014-10-16
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
More results


Similar Description - BBA03

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
AVAGO TECHNOLOGIES LIMI...
AVT-50663 AVAGO-AVT-50663 Datasheet
367Kb / 13P
DC ??6000 MHz InGaP HBT Gain Block
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
50 ??6000 MHz InGaP HBT Gain Block
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
1-6000 MHz RF Gain Block
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
1-6000 MHz RF Gain Block
TRF37D73 TI1-TRF37D73 Datasheet
984Kb / 20P
1-6000 MHz RF Gain Block
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com