Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BG18A Datasheet (PDF) - BeRex Corporation

BG18A Datasheet PDF - BeRex Corporation
Part # BG18A_V01
Download  BG18A Download
File Size   1536.71 Kbytes
Page   11 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-4000 MHz Cascadable InGaP HBT Gain Block

BG18A Datasheet (PDF)

Go To PDF Page Download Datasheet
BG18A Datasheet PDF - BeRex Corporation

Part # BG18A_V01
Download  BG18A Click to download

File Size   1536.71 Kbytes
Page   11 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 5-4000 MHz Cascadable InGaP HBT Gain Block

BG18A Datasheet (HTML) - BeRex Corporation


BG18A Product details

Device Features
• OIP3 = 32.5 dBm @ 1900 MHz
• Gain = 15.1 dB @ 1900 MHz
• Output P1 dB = 18.9 dBm @ 1900 MHz
• Patented temperature compensation
• Patented Over Voltage Protection Circuit
• RoHS2-compliant SOT-89 SMT package

Product Description
BeRex’s BG18A is a high performance InGaP/GaAs HBT MMIC amplifier, internally matched to 50 Ohms and uses a patented temperature compensation circuit to provide stable current over the operating temperature range without the need for external components and a patented over voltage protection circuit to protect a internal device. The BG18A is designed for high linearity gain block applications that require excellent gain flatness. It is packaged in a RoHS2-compliant with SOT-89 surface mount package.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system




Similar Part No. - BG18A_V01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG18A BEREX-BG18A_14 Datasheet
1Mb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18A BEREX-BG18A_18 Datasheet
1Mb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
More results


Similar Description - BG18A_V01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG18A BEREX-BG18A_14 Datasheet
1Mb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_15 Datasheet
1Mb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18C BEREX-BG18C_14 Datasheet
1Mb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18D BEREX-BG18D_14 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG16C BEREX-BG16C_18 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG17A BEREX-BG17A_18 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C_18 Datasheet
1Mb / 9P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_18 Datasheet
1Mb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18C BEREX-BG18C_18 Datasheet
1Mb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_18 Datasheet
972Kb / 10P
5-4000 MHz Cascadable InGaP HBT Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com