Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130E Datasheet (PDF) - Sealevel Systems, Inc.

130E Datasheet PDF - Sealevel Systems, Inc.
Part # 130E
Download  130E Download
File Size   283.23 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 4 Optically Isolated Inputs / 4 Form C Relay

130E Datasheet (PDF)

Go To PDF Page Download Datasheet
130E Datasheet PDF - Sealevel Systems, Inc.

Part # 130E
Download  130E Click to download

File Size   283.23 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 4 Optically Isolated Inputs / 4 Form C Relay

130E Datasheet (HTML) - Sealevel Systems, Inc.


130E Product details

• 10/100BaseT Ethernet Modbus TCP interface
• 4 optically isolated inputs provide protection against surges and
ground loops
• Field wiring is simplified via removable 3.5mm terminal blocks
compatible with 16-30 AWG wire
• Ready for DIN rail mounting, removable plastic clip snaps onto
35mm DIN rail or can be attached to walls and other surfaces
with optional screws
• Optional removable spring-clamp terminal blocks available for
I/O connections
• Input power via removable spring-clamp terminal block
• Status LEDs display power, Ethernet link and I/O activity
• Sealevel SeaMAX software supports Microsoft Windows
operating systems
• Housed in rugged, attractive plastic enclosure
• Includes 7′ CAT5 Ethernet cable (Item# CA246)




Similar Part No. - 130E

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
130 SUNMATE-130 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
logo
Witten Company, Inc.
130 WITTEN-130 Datasheet
120Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY
logo
France Joint
130 FRANCEJOINT-130 Datasheet
441Kb / 2P
GAMMA SEALS
logo
CEE Norm UK Ltd
130 CEENORM-130 Datasheet
1Mb / 4P
Socket Outlets
logo
Walther-Werke
130 WALTHER-130 Datasheet
958Kb / 2P
Sockets IP 44
More results


Similar Description - 130E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
1 Form C Solid State Relay
logo
fujitsu semiconductor
FTR-B2 FUJITSU-FTR-B2_06 Datasheet
1Mb / 8P
4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
logo
National Instruments Co...
PXI-6529 NI-PXI-6529 Datasheet
664Kb / 5P
24 or 48 channel-to-channel optically isolated inputs and solid-state relay outputs
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
1-Form-C OptoMOS Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
C46FC47F WILLOW-C46FC47F Datasheet
616Kb / 2P
Optically Isolated up to 1.75A
C60 WILLOW-C60 Datasheet
768Kb / 2P
Optically Isolated 0.5 to 2.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com