Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150POE Datasheet (PDF) - Sealevel Systems, Inc.

150POE Datasheet PDF - Sealevel Systems, Inc.
Part # 150POE
Download  150POE Download
File Size   662.67 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 4 Form C Relay Outputs Digital Interface Adapter, with PoE

150POE Datasheet (PDF)

Go To PDF Page Download Datasheet
150POE Datasheet PDF - Sealevel Systems, Inc.

Part # 150POE
Download  150POE Click to download

File Size   662.67 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 4 Form C Relay Outputs Digital Interface Adapter, with PoE

150POE Datasheet (HTML) - Sealevel Systems, Inc.


150POE Product details

• 10/100BaseT Ethernet Modbus TCP interface
• 4 high-current SPDT Form C relays can switch up to 5A at 60VDC
• Field wiring is simplified via removable 3.5mm terminal blocks
compatible with 16-30 AWG wire
• Ready for DIN rail mounting, removable plastic clip snaps onto
35mm DIN rail or can be attached to walls and other surfaces with
optional screws
• Optional removable spring-clamp terminal blocks available for
I/O connections
• PoE version allows power and data over a single CAT5 cable,
eliminating the need for an external power supply
• Status LEDs display power, Ethernet link and I/O activity
• Sealevel SeaMAX software supports Microsoft Windows
operating systems
• Housed in rugged, attractive plastic enclosure
• Includes 7′ CAT5 Ethernet cable (Item# CA246)




Similar Part No. - 150POE

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
150PSI-D-4V ASC-150PSI-D-4V Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
150PSI-D-HGRADE-MV ASC-150PSI-D-HGRADE-MV Datasheet
234Kb / 5P
Millivolt Output Pressure Sensors
150PSI-D-HGRADE-MV ASC-150PSI-D-HGRADE-MV Datasheet
234Kb / 5P
Millivolt Output Pressure Sensors
150PSI-G-4V ASC-150PSI-G-4V Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
More results


Similar Description - 150POE

ManufacturerPart #DatasheetDescription
logo
Level One
LXT904 LVL1-LXT904 Datasheet
500Kb / 18P
Ethernet Interface Adapter with EnDec and AUI
LXT905 LVL1-LXT905 Datasheet
673Kb / 26P
Universal Ethernet Interface Adapter
LXT908 LVL1-LXT908 Datasheet
2Mb / 32P
Universal Ethernet Interface Adapter
LXT944 LVL1-LXT944 Datasheet
1Mb / 26P
Quad Ethernet Interface Adapter
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
1-Form-C OptoMOS Relay
logo
Level One
FEP-0511 LVL1-FEP-0511 Datasheet
303Kb / 3P
5-Port Fast Ethernet PoE Switch, 65W, 802.3at PoEplus, 4 PoE Outputs
IFP-0501 LVL1-IFP-0501 Datasheet
904Kb / 5P
5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
logo
Coolgear Inc.
G-POE-CESAT COOLGEAR-G-POE-CESAT Datasheet
49Kb / 1P
22watt PoE to TYPE C PD Power Adapter
11/15/2022
G-POE-CESBT COOLGEAR-G-POE-CESBT Datasheet
102Kb / 1P
50watt PoE to TYPE C PD Power Adapter
11/15/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com