Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

170POE Datasheet (PDF) - Sealevel Systems, Inc.

170POE Datasheet PDF - Sealevel Systems, Inc.
Part # 170POE
Download  170POE Download
File Size   287.36 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 8 A/D, 2 Optically Isolated Dry Contact Inputs

170POE Datasheet (PDF)

Go To PDF Page Download Datasheet
170POE Datasheet PDF - Sealevel Systems, Inc.

Part # 170POE
Download  170POE Click to download

File Size   287.36 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 8 A/D, 2 Optically Isolated Dry Contact Inputs

170POE Datasheet (HTML) - Sealevel Systems, Inc.


170POE Product details

• 10/100BaseT Ethernet Modbus TCP interface
• 8 12-bit single-ended, or 4 differential analog inputs
• 2 optically isolated inputs provide dry contact switch sensing
• 2 SPST Form A solid-state relays have no moving parts, operate
silently and have virtually unlimited switching cycles
• Field wiring is simplified via removable 3.5mm terminal blocks
compatible with 16-30 AWG wire
• Ready for DIN rail mounting, removable plastic clip snaps onto
35mm DIN rail or can be attached to walls and other surfaces with
optional screws
• Optional removable spring-clamp terminal blocks available for
I/O connections
• PoE version allows power and data over a single CAT5 cable,
eliminating the need for an external power supply
• Status LEDs display power, Ethernet link and I/O activity
• Sealevel SeaMAX software supports Microsoft Windows
operating systems
• Housed in rugged, attractive plastic enclosure
• Includes 7′ CAT5 Ethernet cable (Item# CA246)




Similar Part No. - 170POE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
170P000007-01 ADVANTECH-170P000007-01 Datasheet
755Kb / 2P
USB Type-C one cable, 10.1" WUXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP
2-Jun-2025
170P000008-01 ADVANTECH-170P000008-01 Datasheet
755Kb / 2P
USB Type-C one cable, 10.1" WUXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP
2-Jun-2025
170P000009-01 ADVANTECH-170P000009-01 Datasheet
755Kb / 2P
USB Type-C one cable, 10.1" WUXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP
2-Jun-2025
170P000010-01 ADVANTECH-170P000010-01 Datasheet
755Kb / 2P
USB Type-C one cable, 10.1" WUXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP
2-Jun-2025
More results


Similar Description - 170POE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
National Instruments Co...
PXI-6529 NI-PXI-6529 Datasheet
664Kb / 5P
24 or 48 channel-to-channel optically isolated inputs and solid-state relay outputs
USB-6525 NI-USB-6525 Datasheet
669Kb / 5P
Small, portable digital I/O device / Eight channel-to-channel optically isolated inputs
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
Optically Isolated Sigma-Delta (S-D) Modulator
logo
Fairchild Semiconductor
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
Optically Isolated Error Amplifier
logo
Willow Technologies Ltd
C46FC47F WILLOW-C46FC47F Datasheet
616Kb / 2P
Optically Isolated up to 1.75A
C60 WILLOW-C60 Datasheet
768Kb / 2P
Optically Isolated 0.5 to 2.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com