Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VCX74FT Datasheet (PDF) - Toshiba Semiconductor

TC74VCX74FT Datasheet PDF - Toshiba Semiconductor
Part # TC74VCX74FT
Download  TC74VCX74FT Download
File Size   262.31 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs

TC74VCX74FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VCX74FT Datasheet PDF - Toshiba Semiconductor

Part # TC74VCX74FT
Download  TC74VCX74FT Click to download

File Size   262.31 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs

TC74VCX74FT Datasheet (HTML) - Toshiba Semiconductor


TC74VCX74FT Product details

Features
■ Low-voltage operation: VCC = 1.2~3.6 V
■ High-speed operation : tpd = 3.5 ns (max) (VCC = 3.0~3.6 V) : tpd = 4.6 ns (max) (VCC = 2.3~2.7 V) : tpd = 9.2 ns (max) (VCC = 1.65~1.95 V) : tpd = 18.4 ns (max) (VCC = 1.4~1.6 V) : tpd = 46.0ns (max) (VCC = 1.2 V)
■ Output current : IOH/IOL = ±24 mA (min) (VCC = 3.0 V) : IOH/IOL = ±18 mA (min) (VCC = 2.3 V) : IOH/IOL = ±6 mA (min) (VCC = 1.65 V) : IOH/IOL = ±2 mA (min) (VCC = 1.4 V)
■ Latch-up performance: −300 mA
■ ESD performance: Machine model ≥ ±200 V Human body model ≥ ±2000 V




Similar Part No. - TC74VCX74FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX74FT TOSHIBA-TC74VCX74FT Datasheet
316Kb / 8P
LOW VOLTAGE DUAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
14-Sep-1999
More results


Similar Description - TC74VCX74FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
19-Oct-2007
TC7MA574FK TOSHIBA-TC7MA574FK_07 Datasheet
234Kb / 12P
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
19-Oct-2007
TC7MA2374FK TOSHIBA-TC7MA2374FK_07 Datasheet
228Kb / 11P
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_07 Datasheet
271Kb / 13P
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
19-Oct-2007
TC74VCX574FT TOSHIBA-TC74VCX574FT_07 Datasheet
271Kb / 13P
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX2374FT TOSHIBA-TC74VCX2374FT_07 Datasheet
253Kb / 11P
Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX2574FT TOSHIBA-TC74VCX2574FT_07 Datasheet
253Kb / 11P
Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
19-Oct-2007
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com