Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VCX138FT Datasheet (PDF) - Toshiba Semiconductor

TC74VCX138FT Datasheet PDF - Toshiba Semiconductor
Part # TC74VCX138FT
Download  TC74VCX138FT Download
File Size   260.93 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs

TC74VCX138FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VCX138FT Datasheet PDF - Toshiba Semiconductor

Part # TC74VCX138FT
Download  TC74VCX138FT Click to download

File Size   260.93 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs

TC74VCX138FT Datasheet (HTML) - Toshiba Semiconductor


TC74VCX138FT Product details

Features
■ Low voltage operation: VCC = 1.2~3.6 V
■ High speed operation: tpd = 3.5 ns (max) (VCC = 3.0~3.6 V) tpd = 4.1 ns (max) (VCC = 2.3~2.7 V) tpd = 8.2 ns (max) (VCC = 1.65~1.95 V) tpd = 16.4 ns (max) (VCC = 1.4~1.6 V) tpd = 41.0 ns (max) (VCC = 1.2 V)
■ 3.6 V tolerant inputs and outputs.
■ Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V) IOH/IOL = ±18 mA (min) (VCC = 2.3 V) IOH/IOL = ±6 mA (min) (VCC = 1.65 V) IOH/IOL = ±2 mA (min) (VCC = 1.4V)
■ Latch-up performance: −300 mA
■ ESD performance: Machine model ≥ ±200 V Human body model ≥ ±2000 V




Similar Part No. - TC74VCX138FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX138FT TOSHIBA-TC74VCX138FT Datasheet
373Kb / 8P
LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
01-Sep-1998
More results


Similar Description - TC74VCX138FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
05-Aug-1997
TC74VCX138FT TOSHIBA-TC74VCX138FT Datasheet
373Kb / 8P
LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
01-Sep-1998
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
14-Oct-1999
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
19-Oct-2007
TC7MZ138FK TOSHIBA-TC7MZ138FK_07 Datasheet
192Kb / 8P
Low Voltage 3-to-8 Line Decoder with 5 V Tolerant Inputs and Outputs
19-Oct-2007
TC74LCX138F TOSHIBA-TC74LCX138F_07 Datasheet
285Kb / 11P
Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
19-Oct-2007
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
19-Oct-2007
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F_12 Datasheet
233Kb / 11P
Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com