Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1603PSNSS Datasheet (PDF) - Europa PLC

LB1603PSNSS Datasheet PDF - Europa PLC
Part # LB1603PSNSS
Download  LB1603PSNSS Download
File Size   435.95 Kbytes
Page   3 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description AC-22@400V(415V) (160A AC-23) Enclosed Door Interlocked Load Break Switches

LB1603PSNSS Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1603PSNSS Datasheet PDF - Europa PLC

Part # LB1603PSNSS
Download  LB1603PSNSS Click to download

File Size   435.95 Kbytes
Page   3 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description AC-22@400V(415V) (160A AC-23) Enclosed Door Interlocked Load Break Switches

LB1603PSNSS Datasheet (HTML) - Europa PLC


LB1603PSNSS Product details

• Bureau Vertitas
• EN 60947- 1 & 3 Compliant
• IP65




Similar Part No. - LB1603PSNSS

ManufacturerPart #DatasheetDescription
logo
Europa PLC
LB1603PSN EUROPA-LB1603PSN Datasheet
617Kb / 1P
Accessory Table for Safe Switch Range
LB1603PSNGP EUROPA-LB1603PSNGP Datasheet
283Kb / 2P
AC-23@400V(415V) Enclosed Door Interlocked Load Break Switches
LB1603PSNME EUROPA-LB1603PSNME Datasheet
441Kb / 3P
AC-22(160A AC-23) Enclosed Door Interlocked Load Break Switches
More results


Similar Description - LB1603PSNSS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1844 VISHAY-MKP1844 Datasheet
95Kb / 1P
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
05-Jul-05
logo
CUI INC
VQ-120B CUI-VQ-120B Datasheet
154Kb / 4P
AC/DC Metal Enclosed
VQ-120C CUI-VQ-120C Datasheet
154Kb / 4P
AC/DC Metal Enclosed
VQ-120D CUI-VQ-120D Datasheet
154Kb / 4P
AC/DC Metal Enclosed
logo
Vishay Siliconix
MKP1842 VISHAY-MKP1842 Datasheet
118Kb / 2P
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
05-Jul-05
MKP1844 VISHAY-MKP1844_05 Datasheet
124Kb / 2P
AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
05-Jul-05
logo
STMicroelectronics
AN441 STMICROELECTRONICS-AN441 Datasheet
718Kb / 16P
Inductive load control with AC switches
09-Mar-2010
logo
List of Unclassifed Man...
EOT16U3P3-S ETC2-EOT16U3P3-S Datasheet
1Mb / 16P
enclosed switches
logo
NHP Electrical Engineer...
RQ480415VAC NHP-RQ480415VAC Datasheet
948Kb / 2P
HOUR RUN METER 415V 50Hz AC
11 October 2022,
RQ72FI415V NHP-RQ72FI415V Datasheet
962Kb / 3P
FREQUENCY METER 415V 45-55Hz AC
11 October 2022,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com