Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX23W Datasheet (PDF) - Renesas Technology Corp

RX23W Datasheet PDF - Renesas Technology Corp
Part # RX23W
Download  RX23W Download
File Size   1835.9 Kbytes
Page   114 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

RX23W Datasheet (PDF)

Go To PDF Page Download Datasheet
RX23W Datasheet PDF - Renesas Technology Corp

Part # RX23W
Download  RX23W Click to download

File Size   1835.9 Kbytes
Page   114 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

RX23W Datasheet (HTML) - Renesas Technology Corp


RX23W Product details

54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory,
Bluetooth 5.0, various communication functions including USB 2.0 full-speed host/function/OTG, CAN,
SD host interface, serial sound interface, capacitive touch sensing unit, 12-bit A/D converter,
12-bit D/A converter, RTC, Encryption functions

Features
■ 32-bit RXv2 CPU core
 Max. operating frequency: 54 MHz
Capable of 88.56 DMIPS in operation at 54 MHz
 Enhanced DSP: 32-bit multiply-accumulate and 16-bit
multiply-subtract instructions supported
 Built-in FPU: 32-bit single-precision floating point (compliant to
IEEE754)
 Divider (fastest instruction execution takes two CPU clock cycles)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions, ultra-compact code
 On-chip debugging circuit
 Memory protection unit (MPU) supported
■ Low power design and architecture
 Operation from a single 1.8-V to 3.6-V supply
 RTC capable of operating on the battery backup power supply
 Three low power consumption modes
 Low power timer (LPT) that operates during the software standby state
■ On-chip flash memory for code
 384- to 512-Kbyte capacities
 On-board or off-board user programming
 Programmable at 1.8 V
 For instructions and operands
■ On-chip data flash memory
 8 Kbytes (1,000,000 program/erase cycles (typ.))
 BGO (Background Operation)
■ On-chip SRAM, no wait states
 64-Kbyte size capacities
■ Data transfer functions
 DMAC: Incorporates four channels
 DTC: Four transfer modes




Similar Part No. - RX23W

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX23W RENESAS-RX23W Datasheet
1Mb / 109P
Renesas MCUs
Rev.1.10 Mar 30, 2021
More results


Similar Description - RX23W

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com