Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-643-01-BP Datasheet (PDF) - Littelfuse

M-643-01-BP Datasheet PDF - Littelfuse
Part # M-643-01-BP
Download  M-643-01-BP Download
File Size   312.93 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 32V MULTI-POLE BOLT-DOWN SFE/30410 TYPE GLASS FUSE BLOCK

M-643-01-BP Datasheet (PDF)

Go To PDF Page Download Datasheet
M-643-01-BP Datasheet PDF - Littelfuse

Part # M-643-01-BP
Download  M-643-01-BP Click to download

File Size   312.93 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 32V MULTI-POLE BOLT-DOWN SFE/30410 TYPE GLASS FUSE BLOCK

M-643-01-BP Datasheet (HTML) - Littelfuse


M-643-01-BP Product details

Features and Benefits
• Accepts SFE glass fuses and 30410 type circuit breakers
(sold separately)
• Bolt-down mountable, multi-pole fuse block holds
multiple automotive glass fuses
• Available in a variety of configurations, including 4-pole,
5-pole, 6-pole, and 8-pole fuse block options
• 4-pole glass fuse blocks are available with a 30A max
current rating or a 50A max current rating
• Brass screws and terminals




Similar Part No. - M-643-01-BP

ManufacturerPart #DatasheetDescription
logo
AG Electronica
M-6-ALMENDRA AGELECTRONICA-M-6-ALMENDRA Datasheet
334Kb / 2P
GABINETE M ALMENDRA 105 x 61 x 22mm
26/07/2019
logo
Littelfuse
M-606 LITTELFUSE-M-606 Datasheet
277Kb / 1P
MARINE PUSH PULL SWITCHES
2019 Rev: 021219
M-608 LITTELFUSE-M-608 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
M-608 LITTELFUSE-M-608 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
M-608 LITTELFUSE-M-608 Datasheet
277Kb / 1P
MARINE PUSH PULL SWITCHES
2019 Rev: 021219
More results


Similar Description - M-643-01-BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04980900ZXT LITTELFUSE-04980900ZXT Datasheet
174Kb / 1P
Bolt-down Fuseholders - Fuseholder for BF1 Style Bolt-down Fuse
0498030M LITTELFUSE-0498030M Datasheet
146Kb / 2P
Clear MIDI짰 Style Bolt-down Fuse Rated 32V
0294030.MXJ LITTELFUSE-0294030.MXJ Datasheet
59Kb / 1P
BOLT DOWN HIGH CURRENTCARTRIDGE FUSE
02981001ZXT LITTELFUSE-02981001ZXT_12 Datasheet
209Kb / 1P
Bolt-down Fuse Holders for MEGA Style Fuse
04981038HXFC LITTELFUSE-04981038HXFC Datasheet
367Kb / 2P
32V DC ??200A ??In-Line ??Interlocking for Multi-Pole Fuse Holder Assemblies
04980917ZXT LITTELFUSE-04980917ZXT Datasheet
169Kb / 1P
MIDI 498 SERIES 32V BOLT-DOWN HIGH-CURRENT FUSE HOLDER
080421-A
0799C001ZXS LITTELFUSE-0799C001ZXS Datasheet
207Kb / 1P
CF8 799 SERIES 58V 4-POLE HIGH-AMP BOLT-DOWN FUSE HOLDER AND POWER DISTRIBUTION BLOCK
2021
0FNY0001ZXJ LITTELFUSE-0FNY0001ZXJ Datasheet
157Kb / 1P
GLASS FNY SERIES 32V IN-LINE GLASS FUSE HOLDER
2021
3031-0 LITTELFUSE-3031-0 Datasheet
136Kb / 1P
GLASS 3031 32V IN-LINE SFE AND AGC GLASS FUSE HOLDER
2021
MIDI498-IL LITTELFUSE-MIDI498-IL Datasheet
168Kb / 1P
32V BOLT-DOWN FUSE HOLDER
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com