Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75122 Datasheet (PDF) - APM Hexseal Corporation All Rights Reserved

75122 Datasheet PDF - APM Hexseal Corporation All Rights Reserved
Part # 75122
Download  75122 Download
File Size   1492.68 Kbytes
Page   6 Pages
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved
Description SELF-SEALING FASTENERS

75122 Datasheet (PDF)

Go To PDF Page Download Datasheet
75122 Datasheet PDF - APM Hexseal Corporation All Rights Reserved

Part # 75122
Download  75122 Click to download

File Size   1492.68 Kbytes
Page   6 Pages
Manufacturer  APM [APM Hexseal Corporation All Rights Reserved]
Direct Link  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved
Description SELF-SEALING FASTENERS

75122 Datasheet (HTML) - APM Hexseal Corporation All Rights Reserved


75122 Product details

Sealing Performance
Under High Pressure

APM Hexseal invented and patented pre-assembled
self-sealing fasteners designed to provide both fastening
and sealing integrity in a single unit. Their design features
a resilient O-ring held captive in a precision engineered
groove under the fastener head. This combination of
precise groove geometry and O-ring characteristics
results in an absolute seal regardless of surface finish,
while still providing full metal-to-metal contact.
Vibration-resistant and re-usable, SEELSKREWS®,
SEELBOLTS®, and SEELNUTS® can withstand
internal/external pressures up to 6,000 psi/vacuum at
temperatures from –160°F to +500°F.
Made in the U.S.A., APM Hexseal self-sealing
fasteners are available in standard and metric thread
sizes. And the integral seal can be formulated for compatibility with a wide range of gases and liquids.
They represent a superior sealing alternative to
sealing compounds, tape, chemical coatings, and
deformable washers that attempt to seal the threadform

Custom Self-Sealing
Fasteners
Self-sealing SEELSKREWS®, SEELBOLTS®,
SEELRIVETS® and SEELNUTS® are available in other
sizes, lengths, materials, head styles (including tamperresistant) and finishes. These can be produced with an O-ring material (see Table I) best suited for your application. Also, other types
of fastening hardware like standoffs can be modified to become self-sealing. Should you not find what you need in this catalog, please
consult the factory. We would be pleased to work with you to satisfy your specific application requirements

Features and Benefits
• Positive sealing under pressure or vacuum.
• Easy-to-install … pre-assembled unit installs
like a conventional fastener.
• Metal-to-metal contact resists loosening due to
vibration, and assures fastening integrity.
• Re-usable … repeated installation and
removal does not affect sealing effectiveness.
• Compatible with all surface finishes.
• UL and CSA Recognized … tested and listed
to UL Standard 50, Types 1-13, and CSA
Standard C22.2 No. 40.
• Optional O-ring seal materials assure
performance with wide variety of gases
and liquids.
• Uniformity and high strength assure
repeatable performance.
• No adhesives, coatings or tape required.

Typical Applications
• Pressure Gauges
• Gear Boxes/Transmissions
• Valves
• Motor Housings
• Fuel Tanks
• Cylinders
• Pumps
• Equipment Housings/Cabinets
• Air Conditioning Equipment
• Hydraulic Systems
• Portable Instruments
• Engines
• Instrument Housings/Panels
• Military Equipment
• Portable Communications Equipment
• Food Processing Systems
• Or any application where leakage can
compromise reliability




Similar Part No. - 75122

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
75122E3 VISHAY-75122E3 Datasheet
136Kb / 7P
Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
14-Oct-16
More results


Similar Description - 75122

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TB3540 3M-TB3540 Datasheet
36Kb / 5P
Dual Lock??Reclosable Fasteners Trial Bags
logo
Ohmite Mfg. Co.
5007E OHMITE-5007E Datasheet
161Kb / 2P
Knobs, Dials, Mounting Fasteners
logo
3M Electronics
SJ3522 3M-SJ3522 Datasheet
33Kb / 8P
Scotchmate??Reclosable Fasteners
logo
List of Unclassifed Man...
BS-M4-2 ETC-BS-M4-2 Datasheet
877Kb / 4P
PEM짰 self-clinching blind fasteners are used in applications requiring closed thread ends.
8/31/18
logo
Schneider Electric
VRKP4YYYYY00001 SCHNEIDER-VRKP4YYYYY00001 Datasheet
82Kb / 1P
motor cover with fasteners, without sealing
Apr 20, 2022
VRKP4YYYYY00008 SCHNEIDER-VRKP4YYYYY00008 Datasheet
94Kb / 1P
Plastic upper universal joint with fasteners
Apr 20, 2022
VRKP4YYYYY00014 SCHNEIDER-VRKP4YYYYY00014 Datasheet
103Kb / 2P
gearbox rotation axis with fasteners and sealings
Apr 20, 2022
VRKP4YYYYY00015 SCHNEIDER-VRKP4YYYYY00015 Datasheet
92Kb / 1P
maintenance lid with fasteners
Apr 20, 2022
VRKP4YYYYY00017 SCHNEIDER-VRKP4YYYYY00017 Datasheet
107Kb / 1P
motor cover with fasteners, without sealing
Apr 20, 2022
VRKP4YYYYY00018 SCHNEIDER-VRKP4YYYYY00018 Datasheet
89Kb / 1P
2 covers with fasteners, without sealings
Apr 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com