Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSB411B131HR Datasheet (PDF) - Amphenol Corporation

GSB411B131HR Datasheet PDF - Amphenol Corporation
Part # GSB411B131HR
Download  GSB411B131HR Download
File Size   263.5 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description USB3.1 TYPE A R/A REVERSE CH=0.725mm SINK DIP TYPE

GSB411B131HR Datasheet (PDF)

Go To PDF Page Download Datasheet
GSB411B131HR Datasheet PDF - Amphenol Corporation

Part # GSB411B131HR
Download  GSB411B131HR Click to download

File Size   263.5 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description USB3.1 TYPE A R/A REVERSE CH=0.725mm SINK DIP TYPE

GSB411B131HR Datasheet (HTML) - Amphenol Corporation




Similar Part No. - GSB411B131HR

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB411BXYZHR AMPHENOL-GSB411BXYZHR Datasheet
759Kb / 2P
packing per amta packing specification pks-0001
More results


Similar Description - GSB411B131HR

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2537A-04GXT SUYIN-USA-2537A-04GXT Datasheet
85Kb / 1P
USB CONNECTOR R/A DIP TYPE
020122MR008SX14ZX SUYIN-USA-020122MR008SX14ZX Datasheet
90Kb / 1P
USB SERIES A TYPE R/A DUAL PORT DIP TYPE
020122MR008SX16ZX SUYIN-USA-020122MR008SX16ZX Datasheet
96Kb / 1P
USB SERIES A TYPE R/A REVERSE DUAL PORT DIP TYPE
020122MR008SX20ZX SUYIN-USA-020122MR008SX20ZX Datasheet
102Kb / 1P
USB SERIES A TYPE R/A DUAL PORT DIP TYPE
020123MR SUYIN-USA-020123MR Datasheet
122Kb / 1P
USB B TYPE R/A DIP TYPE
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
USB A TYPE R/A DIP TYPE
020139MR SUYIN-USA-020139MR Datasheet
114Kb / 1P
IEEE1394 VERTICAL R/A DIP TYPE
127123FR040S209ZL SUYIN-USA-127123FR040S209ZL Datasheet
120Kb / 1P
1.27mm Female R/A Dip Type
127214FR006G201ZO SUYIN-USA-127214FR006G201ZO Datasheet
61Kb / 1P
1.27mm PITCH R/A DIP TYPE
logo
Adam Technologies, Inc.
SPDIF-RA-LED ADAM-TECH-SPDIF-RA-LED Datasheet
66Kb / 1P
SPDIF JACK R/A DIP TYPE
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com