Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1256272 Datasheet (PDF) - VISATON GmbH & Co. KG

1256272 Datasheet PDF - VISATON GmbH & Co. KG
Part # 1256272
Download  1256272 Download
File Size   456.13 Kbytes
Page   1 Pages
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG
Description 6,5 cm Breitbandlautsprecher / 2.5“ Fullrange Speakers

1256272 Datasheet (PDF)

Go To PDF Page Download Datasheet
1256272 Datasheet PDF - VISATON GmbH & Co. KG

Part # 1256272
Download  1256272 Click to download

File Size   456.13 Kbytes
Page   1 Pages
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG
Description 6,5 cm Breitbandlautsprecher / 2.5“ Fullrange Speakers

1256272 Datasheet (HTML) - VISATON GmbH & Co. KG


1256272 Product details

6,5 cm (2,5“) Breitbandlautsprecher mit ausgeglichenem Frequenzgang und sehr gutem Hochtonanteil.
Besonders geeignet als Einbaulautsprecher für die Musikwiedergabe sowie zur Bestückung von ELA Zeilen.
Tiefe Resonanzfrequenz und sehr großer Hub.
Anwendungsmöglichkeiten: Schmale ELA-Zeilen, Kontroll-Lautsprecher für elektronische Geräte, Modellbau,
Elektronische Musikinstrumente
Zubehör: Schutzgitter (Art. No. 2312)
6.5 cm (2.5“) full range speaker with balanced frequency response and very good highs. Especially suitable as
built-in speaker for music reproduction and as driver for 100 V network column speakers. Very low resonance
frequency and maximum cone displacement.
Typical applications: Narrow network column speakers, Control speaker for electronic devices, Model construction,
Electronic musical instruments
Accessories: Protective grille (Art. No. 2312)




Similar Part No. - 1256272

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
125627 ADELS-125627 Datasheet
112Kb / 2P
1000 K/ 7 HT
More results


Similar Description - 1256272

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1EZSM4T ETC-SM1EZSM4T Datasheet
844Kb / 1P
Easy Install Speakers
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
Speakers
SP100 SYSTEMSENSOR-SP100 Datasheet
349Kb / 4P
Speakers
logo
Gamewell-FCI by Honeywe...
SP200W GAMEWELL-FCI-SP200W Datasheet
285Kb / 2P
Dual-Voltage Transformer Speakers
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
Internal Sounders Speakers
logo
PHOENIX CONTACT
1853748 PHOENIX-1853748 Datasheet
80Kb / 3P
VC-K-KV-PG16( 6,5- 9,5)
1854132 PHOENIX-1854132 Datasheet
49Kb / 3P
Cable gland - VC-EMV-KV-PG16( 6,5- 9,5/ 6,5)
logo
PUI audio inc.
AS01508AO-LW25-R PUIAUDIO-AS01508AO-LW25-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
Amplified Speakers
03 JUL 19
logo
HARTING Technology Grou...
09-00-000-5047 HARTING-09-00-000-5047 Datasheet
457Kb / 2P
HALB-VERSCHR.PG16 (Kabel 6,5-9,5)
2021-10-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com