Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBR3SAD6 Datasheet (PDF) - APEM

IBR3SAD6 Datasheet PDF - APEM
Part # IBR3SAD6
Download  IBR3SAD6 Download
File Size   170.92 Kbytes
Page   4 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Sealed momentary pushbutton switches

IBR3SAD6 Datasheet (PDF)

Go To PDF Page Download Datasheet
IBR3SAD6 Datasheet PDF - APEM

Part # IBR3SAD6
Download  IBR3SAD6 Click to download

File Size   170.92 Kbytes
Page   4 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Sealed momentary pushbutton switches

IBR3SAD6 Datasheet (HTML) - APEM


IBR3SAD6 Product details

Snap-in and threaded bushing models
Compact, light in weight
• Behind-panel depth of 13 mm (.512) only
• 50 % reduction in weight compared to metallic models
Tactile feedback
Sealed to IP 67




Similar Part No. - IBR3SAD6

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
IBR-I3-3217UE SEALEVEL-IBR-I3-3217UE Datasheet
367Kb / 2P
COM Express Module, Type 6, 1.6GHz Intel Core i3
logo
List of Unclassifed Man...
IBR-i3-R-3217UE ETC1-IBR-i3-R-3217UE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
logo
Sealevel Systems, Inc.
IBR-I7-3517UE SEALEVEL-IBR-I7-3517UE Datasheet
340Kb / 2P
COM Express Module, Type 6, 1.7GHz Intel Core i7
logo
List of Unclassifed Man...
IBR-I7-R-3517UE ETC1-IBR-I7-R-3517UE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
IBR-i7-R-3555LE ETC1-IBR-i7-R-3555LE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
More results


Similar Description - IBR3SAD6

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
Sealed pushbutton switches - bushing 12 mm - momentary
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com