Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3A-124DA07 Datasheet (PDF) - Stontronics Ltd.

3A-124DA07 Datasheet PDF - Stontronics Ltd.
Part # 3A-124DA07
Download  3A-124DA07 Download
File Size   958.36 Kbytes
Page   2 Pages
Manufacturer  STONTRONICS [Stontronics Ltd.]
Direct Link  
Logo STONTRONICS - Stontronics Ltd.
Description 12 Watt Desktop C8 SMPSU Range

3A-124DA07 Datasheet (PDF)

Go To PDF Page Download Datasheet
3A-124DA07 Datasheet PDF - Stontronics Ltd.

Part # 3A-124DA07
Download  3A-124DA07 Click to download

File Size   958.36 Kbytes
Page   2 Pages
Manufacturer  STONTRONICS [Stontronics Ltd.]
Direct Link  
Logo STONTRONICS - Stontronics Ltd.
Description 12 Watt Desktop C8 SMPSU Range

3A-124DA07 Datasheet (HTML) - Stontronics Ltd.


3A-124DA07 Product details

Universal AC Input 90—264Vac
High Quality and High Reliability
No minimum load requirement
Low ripple & noise
100% burn-in test
Energy Saving: Efficiency Level V ErP/EuP
Safety: UL, cUL, GS, CE, FCC
1 year warranty




Similar Part No. - 3A-124DA07

ManufacturerPart #DatasheetDescription
logo
Stontronics Ltd.
3A-124DA STONTRONICS-3A-124DA Datasheet
669Kb / 2P
10~12Watt Installation & Wall-Mounting Range
More results


Similar Description - 3A-124DA07

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
15 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
45 Watt Desktop Switching Power Adapters
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
130 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
60-130 WATT DESKTOP POWER ADAPTERS
logo
Volgen Kaga Electronics...
KTPS24-0540DT-2P VOLGEN-KTPS24-0540DT-2P Datasheet
1Mb / 1P
Volgen 24 Watt Desktop Series
logo
List of Unclassifed Man...
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Wall Industries,Inc.
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
logo
Volgen Kaga Electronics...
KTPS36-0940DT-3P-VI-C-P1 VOLGEN-KTPS36-0940DT-3P-VI-C-P1 Datasheet
440Kb / 3P
50 Watt Universal Input, Desktop Adapter
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
65 Watt Universal Input, Desktop Adapter
KTPS65-2427DT-3P VOLGEN-KTPS65-2427DT-3P Datasheet
113Kb / 2P
65 Watt Universal Input, Desktop Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com