Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS4427PBF Datasheet (PDF) - International Rectifier

IRS4427PBF Datasheet PDF - International Rectifier
Part # IRS4427PBF
Download  IRS4427PBF Download
File Size   265.7 Kbytes
Page   14 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DUAL LOW SIDE DRIVER

IRS4427PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS4427PBF Datasheet PDF - International Rectifier

Part # IRS4427PBF
Download  IRS4427PBF Click to download

File Size   265.7 Kbytes
Page   14 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DUAL LOW SIDE DRIVER

IRS4427PBF Datasheet (HTML) - International Rectifier


IRS4427PBF Product details

Features
• Gate drive supply range from 6 V to 20 V
• CMOS Schmitt-triggered inputs
• 3.3V and 5V logic compatible
• Two independent gate drivers
• Matched propagation delay for both channels
• Outputs in phase with inputs
• Leadfree, RoHS compliant
Typical Applications
• General Purpose Dual Low Side Driver
• DC-DC converters




Similar Part No. - IRS4427PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4427PBF IRF-IRS4427PBF Datasheet
356Kb / 19P
DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4427PBF INFINEON-IRS4427PBF Datasheet
279Kb / 14P
DUAL LOW SIDE DRIVER
July 29, 2011
More results


Similar Description - IRS4427PBF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9308 STMICROELECTRONICS-L9308 Datasheet
95Kb / 7P
DUAL LOW SIDE DRIVER
Oct-1990
logo
International Rectifier
IRS4426 IRF-IRS4426 Datasheet
356Kb / 19P
DUAL LOW SIDE DRIVER
AUIRS4426S IRF-AUIRS4426S Datasheet
265Kb / 17P
DUAL LOW SIDE DRIVER
AUIRS4427S IRF-AUIRS4427S Datasheet
327Kb / 16P
DUAL LOW SIDE DRIVER
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
IR25600PBF IRF-IR25600PBF_15 Datasheet
1Mb / 11P
Dual Low Side Driver
IRS44262S IRF-IRS44262S_15 Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
IRS4427PBF INFINEON-IRS4427PBF Datasheet
279Kb / 14P
DUAL LOW SIDE DRIVER
July 29, 2011
IR4426 INFINEON-IR4426 Datasheet
228Kb / 12P
DUAL LOW SIDE DRIVER
Data Sheet No. PD60177 Rev. F
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com