Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI355 Datasheet (PDF) - Baumer IVO GmbH & Co. KG

GI355 Datasheet PDF - Baumer IVO GmbH & Co. KG
Part # GI355_V01
Download  GI355 Download
File Size   193.62 Kbytes
Page   4 Pages
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG
Description Incremental Encoder

GI355 Datasheet (PDF)

Go To PDF Page Download Datasheet
GI355 Datasheet PDF - Baumer IVO GmbH & Co. KG

Part # GI355_V01
Download  GI355 Click to download

File Size   193.62 Kbytes
Page   4 Pages
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG
Description Incremental Encoder

GI355 Datasheet (HTML) - Baumer IVO GmbH & Co. KG


GI355 Product details

Features
Incremental encoder with integrated OPTO-ASIC, thus high
interference immunity
Speed up to 10,000 RPM
Resolution up to 6,000 pulses
(Higher resolution up to 16,384 pulses upon request)
Signal outputs A, A inv., B, B inv., N, N inv.
Temperature range with 5 VDC up to 100 °C




Similar Part No. - GI355_V01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GI355.0224106 IVO-GI355.0224106 Datasheet
592Kb / 4P
Incremental encoders
GI355.0224109 IVO-GI355.0224109 Datasheet
592Kb / 4P
Incremental encoders
GI355.0224136 IVO-GI355.0224136 Datasheet
592Kb / 4P
Incremental encoders
GI355.0224139 IVO-GI355.0224139 Datasheet
592Kb / 4P
Incremental encoders
GI355.0224140 IVO-GI355.0224140 Datasheet
592Kb / 4P
Incremental encoders
More results


Similar Description - GI355_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com