Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILT4S Datasheet (PDF) - PANDUIT CORP.

ILT4S Datasheet PDF - PANDUIT CORP.
Part # ILT4S
Download  ILT4S Download
File Size   92.2 Kbytes
Page   3 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description BELT-TY INLINE-TIE CABLE TIESILT SERIES

ILT4S Datasheet (PDF)

Go To PDF Page Download Datasheet
ILT4S Datasheet PDF - PANDUIT CORP.

Part # ILT4S
Download  ILT4S Click to download

File Size   92.2 Kbytes
Page   3 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description BELT-TY INLINE-TIE CABLE TIESILT SERIES

ILT4S Datasheet (HTML) - PANDUIT CORP.


ILT4S Product details

For indoor use
Parallel-entry cable tie that threads like a belt (180° entry)
Low profile head avoids snags and reduces overall bundle size
35% lower head height than conventional 90° ties
Parallel-entry limits exposure to sharp edges and protects workers' arms/hands
Curved tip is easy to pick up from flat surfaces and allows faster initial threading to speed
installation




Similar Part No. - ILT4S

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ILT4S-C PANDUIT-ILT4S-C Datasheet
37Kb / 3P
Cable Tie, Parallel-entry, 14.7" Standard cross section
ILT4S-C0 PANDUIT-ILT4S-C0 Datasheet
37Kb / 3P
Cable Tie, Parallel-entry, 14.7", Standard cross section
More results


Similar Description - ILT4S

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PLT1M-M PANDUIT-PLT1M-M Datasheet
55Kb / 1P
PAN-TY CABLE TIE - PLT SERIES
logo
List of Unclassifed Man...
561-TA00600 ETC2-561-TA00600 Datasheet
134Kb / 2P
Cable Tie Holders
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
PANDUIT CORP.
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
Tak-Ty Hook Loop Cable Tie Mounts
PLT3S-M0 PANDUIT-PLT3S-M0 Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT3I-M PANDUIT-PLT3I-M Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
PL3B5EH-C0 PANDUIT-PL3B5EH-C0 Datasheet
132Kb / 1P
Pan-Ty Triple Loop Cable Tie ?밯eather Resistant Nylon 6.6
PLT1M-XMR PANDUIT-PLT1M-XMR Datasheet
172Kb / 1P
PAN-TY CABLE TIE PLT SERIES
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com