Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

830-5560 Datasheet (PDF) - List of Unclassifed Manufacturers

830-5560 Datasheet PDF - List of Unclassifed Manufacturers
Part # 830-5560
Download  830-5560 Download
File Size   32.28 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4-Zone Compact Wireless Alarm System - 434MHz

830-5560 Datasheet (PDF)

Go To PDF Page Download Datasheet
830-5560 Datasheet PDF - List of Unclassifed Manufacturers

Part # 830-5560
Download  830-5560 Click to download

File Size   32.28 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4-Zone Compact Wireless Alarm System - 434MHz

830-5560 Datasheet (HTML) - List of Unclassifed Manufacturers


830-5560 Product details

Ì Part-arm facility
Ì 4 Zones including entry/exit zone and
panic/tamper zone
Ì Wireless anti-scan function
Ì Low battery indication per zone
Ì Built-in panic button
Ì 110dB siren
Ì Mains power failure indicator
Ì Battery back-up facility (battery included)




Similar Part No. - 830-5560

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
830-003 GLENAIR-830-003 Datasheet
114Kb / 1P
Size #12 Pneumatic Pin Contact
830-004 GLENAIR-830-004 Datasheet
148Kb / 1P
Size #12 Pneumatic Socket Contacts
logo
Mill-Max Mfg. Corp.
830-10-001-10-001000 MILL-MAX-830-10-001-10-001000 Datasheet
177Kb / 1P
INTERCONNECTS 2mm Grid Headers and Sockets Single and Double Row
830-10-001-20-001000 MILL-MAX-830-10-001-20-001000 Datasheet
155Kb / 1P
INTERCONNECTS 2mm Grid Right Angle Headers and Sockets Single and Double Row
830-10-001-30-001000 MILL-MAX-830-10-001-30-001000 Datasheet
201Kb / 1P
INTERCONNECTS 2mm Grid Surface Mount Headers And Sockets Single and Double Row
More results


Similar Description - 830-5560

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 93P
ASK/FSK 434MHz Wireless Transceiver
Version 1.1, 2002-11-28
logo
Honeywell Solid State E...
GWF402 HONEYWELL-GWF402 Datasheet
72Kb / 2P
2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Sanyo Semicon Device
LV2257PTT SANYO-LV2257PTT Datasheet
61Kb / 5P
Bi-CMOS IC 434MHz Band FSK/ASK Wireless Transmitter IC
logo
Gamewell-FCI by Honeywe...
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
Four-Zone Fire Alarm Control Panel
logo
Advantech Co., Ltd.
ARK-3384 ADVANTECH-ARK-3384 Datasheet
406Kb / 2P
Wireless, USB Port Compact System
logo
Infineon Technologies A...
TDA5255E1 INFINEON-TDA5255E1_07 Datasheet
2Mb / 91P
ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
logo
List of Unclassifed Man...
RFM219SW ETC2-RFM219SW Datasheet
909Kb / 35P
Wireless Alarm and Security Systems
logo
Gamewell-FCI by Honeywe...
GF505 GAMEWELL-FCI-GF505 Datasheet
61Kb / 2P
5 and 10 Zone Conventional Fire Alarm Control Panels
GWF402 GAMEWELL-FCI-GWF402 Datasheet
67Kb / 2P
Two and Four Zone Conventional Fire Alarm Control Panels
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com