Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3606630 Datasheet (PDF) - elc construction electronique

3606630 Datasheet PDF - elc construction electronique
Part # 3606630
Download  3606630 Download
File Size   362.04 Kbytes
Page   1 Pages
Manufacturer  ELC [elc construction electronique]
Direct Link  https://elc.fr/
Logo ELC - elc construction electronique
Description DECADE CAPACITANCE BOX

3606630 Datasheet (PDF)

Go To PDF Page Download Datasheet
3606630 Datasheet PDF - elc construction electronique

Part # 3606630
Download  3606630 Click to download

File Size   362.04 Kbytes
Page   1 Pages
Manufacturer  ELC [elc construction electronique]
Direct Link  https://elc.fr/
Logo ELC - elc construction electronique
Description DECADE CAPACITANCE BOX

3606630 Datasheet (HTML) - elc construction electronique


3606630 Product details

Specifications
• The DC05 box uses polystyrene and polypropylene capacitors offering
a high accuracy, a low temperature coefficient (125 ppm/°c) and a
very high insulation resistance.
• Output on two 4 mm safety sockets.
• Screen outputs (front panel and case) on safety earth socket.
• Robust switches with metal frame and gold-plated contacts.
• Discharge button.

Other specifications
• Safety : Complies with EN 61010-1, overvoltage category I,
pollution degree 1.
• Max voltage : 300 VDC or 230 VAC (reinforced insulation).
• Presentation : aluminium mounting plate, screen-printed satin
epoxy finish, metal case, epoxy finish.
• The assembly is mounted on the front panel which fits into a 19"
standard subrack.
• Mounting plate dimensions: H = 2U (U = 44,45 mm)
L = 84F (F = 5,08 mm)




Similar Part No. - 3606630

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Pomona Electronics
3606 POMONA-3606 Datasheet
48Kb / 1P
Die Cast Aluminum Box Painted, Size ?쏡?
logo
ebm-papst
3606 EBMPAPST-3606 Datasheet
423Kb / 1P
TUBEAXIAL
3606 EBMPAPST-3606 Datasheet
290Kb / 4P
AC axial compact fan
logo
Heyco.
3606 HEYCO-3606 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results


Similar Description - 3606630

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
logo
Extech Instruments Corp...
380400 EXTECH-380400_15 Datasheet
252Kb / 1P
Resistance, Capacitance & Inductance Decade Boxes
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
Decade Counter
August, 2014 ??Rev. 9
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com