Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

495331 Datasheet (PDF) - Dormer Pramet

495331 Datasheet PDF - Dormer Pramet
Part # 495331
Download  495331 Download
File Size   32.59 Kbytes
Page   1 Pages
Manufacturer  DORMER [Dormer Pramet]
Direct Link  https://www.dormerpramet.com/
Logo DORMER - Dormer Pramet
Description Straight Flute Taps

495331 Datasheet (PDF)

Go To PDF Page Download Datasheet
495331 Datasheet PDF - Dormer Pramet

Part # 495331
Download  495331 Click to download

File Size   32.59 Kbytes
Page   1 Pages
Manufacturer  DORMER [Dormer Pramet]
Direct Link  https://www.dormerpramet.com/
Logo DORMER - Dormer Pramet
Description Straight Flute Taps

495331 Datasheet (HTML) - Dormer Pramet


495331 Product details

Tap tolerance: Class 2 for 2B fit
Chamfer thread number: 1, 2 and 3
Cutting rake: 7°
Flute geometry: Straight flutes
Surface treatment:Bright
Range: No 2 - No 10, 1/4in- 1in
Application: For hand or machine tapping of through or blind holes.




Similar Part No. - 495331

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
4953 HOTTECH-4953 Datasheet
536Kb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
4953 VBSEMI-4953 Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4953 TUOFENG-4953 Datasheet
3Mb / 5P
Dual P-Channel -30V(D-S) MOSFET
Feb,2018 V1.0
4953B TUOFENG-4953B Datasheet
3Mb / 6P
Dual P-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
logo
GTM CORPORATION
4953SS GTM-4953SS Datasheet
309Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - 495331

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
64 Taps, 2-Wire Serial Bus
September 14, 2005
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
Low Noise, Low Power, 100 Taps
September 9, 2005
logo
Semtech Corporation
SCDAR05F SEMTECH-SCDAR05F Datasheet
65Kb / 2P
FAST RECOVERY DOUBLER AND CENTER TAPS
SCDAS05 SEMTECH-SCDAS05 Datasheet
66Kb / 2P
STANDARD RECOVERY DOUBLER AND CENTER TAPS
SCDA05F SEMTECH-SCDA05F Datasheet
66Kb / 2P
FAST RECOVERY DOUBLER AND CENTER TAPS
logo
List of Unclassifed Man...
54720 ETC2-54720 Datasheet
269Kb / 1P
C-Taps for 600V Applications
logo
Texas Instruments
TPL0102 TI1-TPL0102_15 Datasheet
1Mb / 45P
Two 256-Taps Digital Potentiometers
logo
Advantech Co., Ltd.
9PCDT ADVANTECH-9PCDT Datasheet
489Kb / 2P
RS-232 Data Taps
BB-232CDT ADVANTECH-BB-232CDT Datasheet
497Kb / 2P
RS-232 Data Taps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com