Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

021-034 Datasheet (PDF) - Dormer Pramet

021-034 Datasheet PDF - Dormer Pramet
Part # 021-034
Download  021-034 Download
File Size   33.05 Kbytes
Page   1 Pages
Manufacturer  DORMER [Dormer Pramet]
Direct Link  https://www.dormerpramet.com/
Logo DORMER - Dormer Pramet
Description E531 HSS BSW Taps Straight Flutes

021-034 Datasheet (PDF)

Go To PDF Page Download Datasheet
021-034 Datasheet PDF - Dormer Pramet

Part # 021-034
Download  021-034 Click to download

File Size   33.05 Kbytes
Page   1 Pages
Manufacturer  DORMER [Dormer Pramet]
Direct Link  https://www.dormerpramet.com/
Logo DORMER - Dormer Pramet
Description E531 HSS BSW Taps Straight Flutes

021-034 Datasheet (HTML) - Dormer Pramet


021-034 Product details

Tap tolerance: Class 2 for medium fit
Chamfer threads: 1, 2 and 3
Cutting rake: 7°
Flute geometry: Straight flutes
Surface treatment: Bright
Range: 1/8 - 1in
Application: For hand tapping of through or blind holes.




Similar Part No. - 021-034

ManufacturerPart #DatasheetDescription
logo
ITT Industries
021-0144-000 ITT-021-0144-000 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
021-0144-000 ITT-021-0144-000 Datasheet
688Kb / 19P
ARINC 600
021-0144-000 ITT-021-0144-000 Datasheet
688Kb / 19P
ARINC 600 BKAD/E/F
021-0144-001 ITT-021-0144-001 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
021-0144-001 ITT-021-0144-001 Datasheet
688Kb / 19P
ARINC 600
More results


Similar Description - 021-034

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1105150-1 MACOM-2-1105150-1 Datasheet
86Kb / 1P
PIN CONTACT SERIES HSS
2-1105151-1 MACOM-2-1105151-1 Datasheet
97Kb / 1P
SOCKET CONTACT SERIES HSS
2-1105870-8 MACOM-2-1105870-8 Datasheet
56Kb / 1P
HTS-DIE SET FOR HSK, HSM AND HSS CONTACTS
2-1104200-3 MACOM-2-1104200-3 Datasheet
39Kb / 1P
Male insert HSS.8 Stifteinsatz HSS.8
2-1104202-3 MACOM-2-1104202-3 Datasheet
39Kb / 1P
Female insert HSS.8 Buchseneinsatz HSS.8
logo
List of Unclassifed Man...
HS40 ETC1-HS40 Datasheet
121Kb / 1P
Tap / Die Set, M3 to M12, HSS
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
logo
Advantech Co., Ltd.
9PCDT ADVANTECH-9PCDT Datasheet
489Kb / 2P
RS-232 Data Taps
BB-232CDT ADVANTECH-BB-232CDT Datasheet
497Kb / 2P
RS-232 Data Taps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com