Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2-05 Datasheet (PDF) - Samtec, Inc

EC2-05 Datasheet PDF - Samtec, Inc
Part # EC2-05
Download  EC2-05 Download
File Size   310.51 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES

EC2-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
EC2-05 Datasheet PDF - Samtec, Inc

Part # EC2-05
Download  EC2-05 Click to download

File Size   310.51 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES

EC2-05 Datasheet (HTML) - Samtec, Inc




Similar Part No. - EC2-05

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EC2-05 SAMTEC-EC2-05 Datasheet
170Kb / 1P
SHROUDED IDC EJECTOR HEADER
More results


Similar Description - EC2-05

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EJH-110-02-L-D-TH SAMTEC-EJH-110-02-L-D-TH Datasheet
686Kb / 1P
SHROUDED IDC EJECTOR HEADERS
ZSS-112-09-S-D-1240 SAMTEC-ZSS-112-09-S-D-1240 Datasheet
706Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
EJH SAMTEC-EJH Datasheet
198Kb / 1P
SHROUDED IDC EJECTOR HEADERS (2.54 mm) .100" PITCH • EJH SERIES
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
TCSD SAMTEC-TCSD Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
TST SAMTEC-TST Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SQW SAMTEC-SQW Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com