Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTB14012 Datasheet (PDF) - Tyco Electronics

RTB14012 Datasheet PDF - Tyco Electronics
Part # RTB14012
Download  RTB14012 Download
File Size   589.58 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Power PCB Relay RT1 1 pole 12 / 16 A, DC- or AC-coil

RTB14012 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTB14012 Datasheet PDF - Tyco Electronics

Part # RTB14012
Download  RTB14012 Click to download

File Size   589.58 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Power PCB Relay RT1 1 pole 12 / 16 A, DC- or AC-coil

RTB14012 Datasheet (HTML) - Tyco Electronics


RTB14012 Product details

Features
· 1 C/O or 1 N/O contact
· Sensitive coil 400 mW
· 5 kV / 10 mm coil-contact, Protection class II
· Ambient temperature 85°C (DC-coil)
· Height 15.7 mm
· Sockets with PCB-type or screw-type terminals
· Gold plated contacts available

Applications
Boiler control, timers, garage door control, POS automation,
interface modules




Similar Part No. - RTB14012

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RTB14012 SIEMENS-RTB14012 Datasheet
193Kb / 8P
Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
Tyco Electronics
RTB14012 MACOM-RTB14012 Datasheet
286Kb / 4P
Power PCB Relay
RTB14012 MACOM-RTB14012 Datasheet
243Kb / 4P
Power PCB Relay RT1
RTB14012 MACOM-RTB14012 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RTB14012 TEC-RTB14012 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
More results


Similar Description - RTB14012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9100 MACOM-9100 Datasheet
50Kb / 2P
Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
Power PCB Relay RT1
RT314024F MACOM-RT314024F Datasheet
567Kb / 3P
Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
Power PCB Relay RT1
RT1-DC TEC-RT1-DC Datasheet
336Kb / 3P
Power PCB Relay RT1 DC and AC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com