Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA4808 Datasheet (PDF) - Microchip Technology

ATMEGA4808 Datasheet PDF - Microchip Technology
Part # ATMEGA4808
Download  ATMEGA4808 Download
File Size   1451.68 Kbytes
Page   68 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description megaAVR® 0-series

ATMEGA4808 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA4808 Datasheet PDF - Microchip Technology

Part # ATMEGA4808
Download  ATMEGA4808 Click to download

File Size   1451.68 Kbytes
Page   68 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description megaAVR® 0-series

ATMEGA4808 Datasheet (HTML) - Microchip Technology


ATMEGA4808 Product details

• AVR CPU
– Single-cycle I/O access
– Two-level interrupt controller
– Two-cycle hardware multiplier
• Memories
– Up to 48 KB In-system self-programmable Flash memory
– 256B EEPROM
– Up to 6 KB SRAM
– Write/Erase endurance:
• Flash 10,000 cycles
• EEPROM 100,000 cycles
– Data retention: 20 Years at 85°C
• System
– Power-on Reset (POR) circuit
– Brown-out Detection (BOD)
– Clock options:
• 20 MHz low power internal oscillator with fuse-protected frequency setting
• 32.768 kHz Ultra Low Power (ULP) internal oscillator
• 32.768 kHz external crystal oscillator
• External clock input
– Single pin Unified Program Debug Interface (UPDI)
– Three sleep modes:
• Idle with all peripherals running and mode for immediate wake-up time
• Standby
– Configurable operation of selected peripherals




Similar Part No. - ATMEGA4808

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATMEGA4808 MICROCHIP-ATMEGA4808 Datasheet
4Mb / 552P
ATmega808/809/1608/1609 Data Sheet
2021
ATMEGA4808 MICROCHIP-ATMEGA4808 Datasheet
4Mb / 552P
ATmega3208/3209 Data Sheet
2021
ATMEGA4808 MICROCHIP-ATMEGA4808 Datasheet
4Mb / 560P
ATmega4808/4809 Data Sheet
2021
ATMEGA4808-AF MICROCHIP-ATMEGA4808-AF Datasheet
4Mb / 560P
ATmega4808/4809 Data Sheet
2021
ATMEGA4808-AF-VAO MICROCHIP-ATMEGA4808-AF-VAO Datasheet
4Mb / 552P
ATmega808/809/1608/1609 Data Sheet
2021
More results


Similar Description - ATMEGA4808

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
346Kb / 12P
8-bit Atmel megaAVR Microcontroller
logo
Microchip Technology
ATTINY804 MICROCHIP-ATTINY804 Datasheet
3Mb / 522P
tinyAVR짰 0-series
2021
logo
Bridgelux, Inc.
DS484 BRIDGELUX-DS484 Datasheet
405Kb / 16P
Bridgelux® Pallas-A Single Channel 46W (0-10V) Linear Driver
Rev. A 08/2022
DS485 BRIDGELUX-DS485 Datasheet
432Kb / 16P
Bridgelux® Pallas-A Single Channel 40W (0-10V) Linear Driver
Rev. A 08/2022
DS486 BRIDGELUX-DS486 Datasheet
436Kb / 16P
Bridgelux® Pallas-A Single Channel 60W (0-10V) Linear Driver
Rev. A 08/2022
DS487 BRIDGELUX-DS487 Datasheet
414Kb / 16P
Bridgelux® Pallas-A Single Channel 80W (0-10V) Linear Driver
Rev. A 08/2022
DS488 BRIDGELUX-DS488 Datasheet
405Kb / 16P
Bridgelux® Pallas-A Single Channel 96W (0-10V) Linear Driver
Rev. A 08/2022
logo
Lapp.
10399400 LAPP-10399400 Datasheet
125Kb / 2P
EPIC® MCS 0 / MCB 0 BLIND
18.09.2018
44423232 LAPP-44423232 Datasheet
86Kb / 1P
EPIC® MH 0
17.09.2018
44424041 LAPP-44424041 Datasheet
286Kb / 3P
EPIC® POWER K 4/0
02.06.2023
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com