Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2529-H Datasheet (PDF) - 3M Electronics

2529-H Datasheet PDF - 3M Electronics
Part # 2529-H
Download  2529-H Download
File Size   1382.29 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Eco SPP3 19" Fibre Optic Patch Panels

2529-H Datasheet (PDF)

Go To PDF Page Download Datasheet
2529-H Datasheet PDF - 3M Electronics

Part # 2529-H
Download  2529-H Click to download

File Size   1382.29 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Eco SPP3 19" Fibre Optic Patch Panels

2529-H Datasheet (HTML) - 3M Electronics


2529-H Product details

Features
• Sliding design
• Multiple cable entry ports
• Fixing for breakout manifolds
• Fixing thread for splice tray (DIN)
• Port numbering on front panel
• Universal cage nuts and bolts for 19” frames
• For all common connector standards




Similar Part No. - 2529-H

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2529 KR-2529 Datasheet
24Kb / 2P
Bandpass Filter
logo
Heyco.
2529 HEYCO-2529 Datasheet
91Kb / 1P
Feets of Strength
logo
Weidmuller
2529000000 WEIDMULLER-2529000000 Datasheet
303Kb / 7P
SV-SMT 7.62HP/02/90MF2 SC/4 2.6SN BX
2529010000 WEIDMULLER-2529010000 Datasheet
302Kb / 7P
SV-SMT 7.62HP/02/270MF2 SC/4 2.6SN BX
2529030000 WEIDMULLER-2529030000 Datasheet
296Kb / 7P
SV-SMT 7.62HP/02/90G SC/6 2.6SN BX
More results


Similar Description - 2529-H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1711278-1 MACOM-1711278-1 Datasheet
83Kb / 1P
Shielded Patch Panels
logo
List of Unclassifed Man...
IT210SM900 ETC2-IT210SM900 Datasheet
2Mb / 27P
Glass Fibre-optic Specifications
logo
PANDUIT CORP.
FXLE3-10M2 PANDUIT-FXLE3-10M2 Datasheet
91Kb / 2P
Opti-Core Fibre Optic Patch Cords - Low Smoke Zero Halogen (LSZH) Rated
logo
Tripp Lite. All Rights ...
N42003M TRIPPLITE-N42003M Datasheet
481Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST-SC),3M (10-ft.)
N42203M TRIPPLITE-N42203M Datasheet
491Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST-LC),3M (10-ft.)
N42603M TRIPPLITE-N42603M Datasheet
483Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-SC), 3M (10-ft.)
logo
PANDUIT CORP.
DPA245E88TGY PANDUIT-DPA245E88TGY Datasheet
453Kb / 1P
DP5e UTP Patch Panels
logo
Tripp Lite. All Rights ...
N426-03M TRIPPLITE-N426-03M Datasheet
163Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC/SC), 3M (10-ft.)
logo
Weidmuller
1344760000 WEIDMULLER-1344760000 Datasheet
147Kb / 4P
Serial/fibre-optic converter
1362950000 WEIDMULLER-1362950000 Datasheet
147Kb / 4P
Serial/fibre-optic converter
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com