Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4IDC5 Datasheet (PDF) - Opto 22

G4IDC5 Datasheet PDF - Opto 22
Part # G4IDC5
Download  G4IDC5 Download
File Size   350.0 Kbytes
Page   6 Pages
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22
Description G4 Digital DC Input Modules

G4IDC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
G4IDC5 Datasheet PDF - Opto 22

Part # G4IDC5
Download  G4IDC5 Click to download

File Size   350.0 Kbytes
Page   6 Pages
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22
Description G4 Digital DC Input Modules

G4IDC5 Datasheet (HTML) - Opto 22


G4IDC5 Product details

Features
4000 volts transient optical isolation
Built-in LED status indicator
Small footprint design, reducing mounting space by
approximately 50 percent
Built-in filtering for transient suppression and noise
rejection
Operating temperature: -30 °C to 70 °C
UL recognized, CSA certified, CE approved
Passes NEMA Showering Arc Test (ICS 2-230)
Meets IEEE Surge Withstand Specification (IEEE-472)

Description
Opto 22’s G4 DC input modules are used to detect on/off DC
voltage levels. Each module provides up to 4000 volts
(transient) of optical isolation between field inputs and the
logic output of the circuit.
All DC input modules except the G4IDC5K and G4IDC5D are
designed with filtering on the input and a hysteresis amplifier,
providing high noise rejection and transient-free, “clean”
switching. The G4IDC5K is a fast-switching module used to
detect signals produced by photoelectric switches and TTL
devices. The low-cost G4IDC5D is used for data acquisition.
The G4IDC5MA is a special module featuring a manual-on/
manual-off/automatic switch, ideal for diagnostic testing of
control applications.
The G4IDC5-SW and G4IDC5-SWNC modules supply power to
an external dry contact switch and sense switch closure (SW)
or opening (SWNC).
Typical applications for DC input modules include sensing the
presence or absence of voltage and sensing contact closure
from sources such as proximity switches, limit switches,
selector switches, push buttons, photoelectric switches, and
TTL-compatible devices.




Similar Part No. - G4IDC5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G4IDC5B OMRON-G4IDC5B Datasheet
277Kb / 6P
Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
More results


Similar Description - G4IDC5

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70-IDC5G GRAYHILL-70-IDC5G Datasheet
118Kb / 2P
AC/DC Input Modules
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
Contact Closure DC Input Modules
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
DC Input Modules
logo
Vicor Corporation
DC048B VICOR-DC048B Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
logo
National Instruments Co...
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
Digital Input Modules for Compact FieldPoint
NICRIO-9411 NI-NICRIO-9411 Datasheet
200Kb / 3P
CompactRIO Digital Input and Counter/Timer Modules
logo
Opto Electronics Co,. L...
G4OAC5A E-OEC-G4OAC5A Datasheet
206Kb / 5P
G4 Digital AC Output Modules
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
SNAP Digital Input Modules
logo
Texas Instruments
ISO1211 TI1-ISO1211 Datasheet
474Kb / 28P
Isolated 24-V Digital Input Receivers for Digital Input Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com