Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPM340 Datasheet (PDF) - Lascar Electronics

DPM340 Datasheet PDF - Lascar Electronics
Part # DPM340
Download  DPM340 Download
File Size   89.57 Kbytes
Page   2 Pages
Manufacturer  LASCAR [Lascar Electronics]
Direct Link  lascarelectronics.com
Logo LASCAR - Lascar Electronics
Description Miniature 3½ Digit LED Voltmeter

DPM340 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPM340 Datasheet PDF - Lascar Electronics

Part # DPM340
Download  DPM340 Click to download

File Size   89.57 Kbytes
Page   2 Pages
Manufacturer  LASCAR [Lascar Electronics]
Direct Link  lascarelectronics.com
Logo LASCAR - Lascar Electronics
Description Miniature 3½ Digit LED Voltmeter

DPM340 Datasheet (HTML) - Lascar Electronics


DPM340 Product details

8mm (0.31") Digit Height
Programmable Decimal Points
Auto-zero, Auto-polarity
200mV d.c. Full Scale Reading (F.S.R.)
Very Low Current Consumption




Similar Part No. - DPM340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPM3 ETC1-DPM3 Datasheet
53Kb / 2P
The DPM 3 is the largest in our sub-miniature series of meters but still uses the same miniaturisation techniques to produce a very compact instrument
DPM3AS-BL ETC2-DPM3AS-BL Datasheet
274Kb / 4P
3쩍 Digit Backlit LCD Voltmeter Module
DPM3S ETC1-DPM3S Datasheet
53Kb / 2P
The DPM 3 is the largest in our sub-miniature series of meters but still uses the same miniaturisation techniques to produce a very compact instrument
More results


Similar Description - DPM340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DPM3AS-BL ETC2-DPM3AS-BL Datasheet
274Kb / 4P
3쩍 Digit Backlit LCD Voltmeter Module
logo
BetLux Electronics
BL-T36A-31S BETLUX-BL-T36A-31S Datasheet
71Kb / 4P
LED NUMERIC DISPLAY, 3 DIGIT
REV NO: V.2
BL-T40C-31S BETLUX-BL-T40C-31S Datasheet
71Kb / 4P
LED NUMERIC DISPLAY, 3 DIGIT
REV NO: V.2
BL-T52C-31S BETLUX-BL-T52C-31S Datasheet
133Kb / 4P
LED NUMERIC DISPLAY, 3 DIGIT
REV NO: V.2
BL-T56A-32S BETLUX-BL-T56A-32S Datasheet
131Kb / 4P
LED NUMERIC DISPLAY, 3 DIGIT
REV NO: V.2
logo
List of Unclassifed Man...
OEM335A ETC2-OEM335A Datasheet
329Kb / 2P
OEM335A 3.5 digit LED voltmeter module
logo
SELEC Controls Pvt. Ltd
MV15 SELEC-MV15 Datasheet
454Kb / 2P
Digital Voltmeter
MV2307 SELEC-MV2307 Datasheet
407Kb / 1P
Digital Voltmeter
logo
SparkFun Electronics
PRT-14313 SPARKFUN-PRT-14313 Datasheet
128Kb / 1P
Digital LED Voltmeter
8????7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com