Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRL1632E-M-R010-F-T5 Datasheet (PDF) - Susumu Co., Ltd.

KRL1632E-M-R010-F-T5 Datasheet PDF - Susumu Co., Ltd.
Part # KRL1632E-M-R010-F-T5
Download  KRL1632E-M-R010-F-T5 Download
File Size   139.7 Kbytes
Page   2 Pages
Manufacturer  SUSUMU [Susumu Co., Ltd.]
Direct Link  www.susumu.co.jp
Logo SUSUMU - Susumu Co., Ltd.
Description Metal foil low resistance chip resistor

KRL1632E-M-R010-F-T5 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRL1632E-M-R010-F-T5 Datasheet PDF - Susumu Co., Ltd.

Part # KRL1632E-M-R010-F-T5
Download  KRL1632E-M-R010-F-T5 Click to download

File Size   139.7 Kbytes
Page   2 Pages
Manufacturer  SUSUMU [Susumu Co., Ltd.]
Direct Link  www.susumu.co.jp
Logo SUSUMU - Susumu Co., Ltd.
Description Metal foil low resistance chip resistor

KRL1632E-M-R010-F-T5 Datasheet (HTML) - Susumu Co., Ltd.


KRL1632E-M-R010-F-T5 Product details

Features
High current sensing short side terminal low resistance chip resistor
Two types available: high temperature (operating temperature up to 175°C), low emf
type ( operating temperature up to 155°C).
High current handling capability and wide range of power ratings
Size: 0510 ~ 50110, power ratings: 0.2W ~ 5W, resistance value range: 5m ~ 1000mΩ
Face down construction. Choice between bottom only or wrap around terminal

Applications
Automotive electronics
Power source devises, ACDC converters, DCDC converters
Motors, inverters, office automation equipment




Similar Part No. - KRL1632E-M-R010-F-T5

ManufacturerPart #DatasheetDescription
logo
Susumu Co., Ltd.
KRL1608 SUSUMU-KRL1608 Datasheet
247Kb / 2P
Metal foil low resistance chip resistors
More results


Similar Description - KRL1632E-M-R010-F-T5

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TLR2BDTE KOA-TLR2BDTE Datasheet
89Kb / 4P
Chip-Type Metal Plate Low-Resistance Resistor
logo
IRC - a TT electronics ...
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
logo
KOA Speer Electronics, ...
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
metal plate chip type low resistance resistor
logo
List of Unclassifed Man...
LRMAM1206-R03FT5 ETC2-LRMAM1206-R03FT5 Datasheet
389Kb / 3P
Low Resistance Metal Alloy Resistor
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
TLR1E-2A-TLRZ KOA-TLR1E-2A-TLRZ Datasheet
406Kb / 2P
metal plate chip type low resistance resistor
logo
Ohmite Mfg. Co.
FC4T OHMITE-FC4T Datasheet
416Kb / 2P
Metal Foil Low Value Chip
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
logo
WALSIN TECHNOLOGY CORPO...
WWXXD WALSIN-WWXXD Datasheet
505Kb / 8P
Metal Foil Low Ohm Power Chip Resistor
logo
Stackpole Electronics, ...
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com