Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNS260-02/01ZG-ST-R Datasheet (PDF) - K.A. Schmersal GmbH & Co. KG

BNS260-02/01ZG-ST-R Datasheet PDF - K.A. Schmersal GmbH & Co. KG
Part # BNS260-02/01ZG-ST-R
Download  BNS260-02/01ZG-ST-R Download
File Size   158.69 Kbytes
Page   6 Pages
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG
Description SWITCH, SAFETY, MAGNETIC; Limit Switch Actuator:-; Contact Configuration:1NO / 1NC; Contact Current ...

BNS260-02/01ZG-ST-R Datasheet (PDF)

Go To PDF Page Download Datasheet
BNS260-02/01ZG-ST-R Datasheet PDF - K.A. Schmersal GmbH & Co. KG

Part # BNS260-02/01ZG-ST-R
Download  BNS260-02/01ZG-ST-R Click to download

File Size   158.69 Kbytes
Page   6 Pages
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG
Description SWITCH, SAFETY, MAGNETIC; Limit Switch Actuator:-; Contact Configuration:1NO / 1NC; Contact Current ...

BNS260-02/01ZG-ST-R Datasheet (HTML) - K.A. Schmersal GmbH & Co. KG


BNS260-02/01ZG-ST-R Product details

• thermoplastic enclosure
• Small body
• Concealed mounting possible
• 26 mm x 36 mm x 13 mm
• Long life
• no mechanical wear
• Insensitive to transverse misalignment
• Insensitive to soiling
• Connector M8 x 1, 6-pole




Similar Part No. - BNS260-02/01ZG-ST-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BNS250 ETC2-BNS250 Datasheet
55Kb / 2P
Coded-Magnet Sensors
logo
K.A. Schmersal GmbH & C...
BNS250 SCHMERSAL-BNS250 Datasheet
57Kb / 2P
Coded-Magnet Sensors
BNS250 SCHMERSAL-BNS250 Datasheet
193Kb / 3P
Thermoplastic enclosure
logo
List of Unclassifed Man...
BNS250-11Z ETC2-BNS250-11Z Datasheet
55Kb / 2P
Coded-Magnet Sensors
logo
K.A. Schmersal GmbH & C...
BNS250-11Z SCHMERSAL-BNS250-11Z Datasheet
57Kb / 2P
Coded-Magnet Sensors
More results


Similar Description - BNS260-02/01ZG-ST-R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCMN2102L8 SCHNEIDER-XCMN2102L8 Datasheet
127Kb / 6P
limit switch XCMN - steel roller plunger - 1NC 1NO - snap - 8 m
Jan 6, 2021
XCSPL551 SCHNEIDER-XCSPL551 Datasheet
81Kb / 2P
safety switch XCSPL - straight lever - centred - 1NC1NO -Pg11
Feb 8, 2021
XCSPL552 SCHNEIDER-XCSPL552 Datasheet
82Kb / 2P
safety switch XCSPL - straight lever - centred - 1NC1NO -M16
Feb 8, 2021
XCSPR551 SCHNEIDER-XCSPR551 Datasheet
103Kb / 2P
safety switch XCSPR - spindle 30 mm - 1NC 1NO -Pg11
Feb 8, 2021
XCSPR552 SCHNEIDER-XCSPR552 Datasheet
104Kb / 2P
safety switch XCSPR - spindle 30 mm - 1NC 1NO -M16
Feb 8, 2021
XCSPR561 SCHNEIDER-XCSPR561 Datasheet
102Kb / 2P
safety switch XCSPR - spindle 80 mm - 1NC 1NO -Pg11
Feb 8, 2021
XCSPR562 SCHNEIDER-XCSPR562 Datasheet
102Kb / 2P
safety switch XCSPR - spindle 80 mm - 1NC 1NO -M16
Feb 8, 2021
XB4BACUST02 SCHNEIDER-XB4BACUST02 Datasheet
97Kb / 1P
PUSHBUTTON, BLACK, 1NO 1NC CONTACT
May 24, 2021
ZCMD21 SCHNEIDER-ZCMD21 Datasheet
116Kb / 3P
limit switch body ZCMD - 1NC1NO - silver - snap action
Aug 10, 2019
9001KA41 SCHNEIDER-9001KA41 Datasheet
164Kb / 4P
30MM CONTACT BLOCK 1NO/1NC LOGIC REED
Jan 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com