Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34845 Datasheet (PDF) - Freescale Semiconductor, Inc

34845 Datasheet PDF - Freescale Semiconductor, Inc
Part # 34845
Download  34845 Download
File Size   686.64 Kbytes
Page   23 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low cost six channel led backlight driver with integrated power supply

34845 Datasheet (PDF)

Go To PDF Page Download Datasheet
34845 Datasheet PDF - Freescale Semiconductor, Inc

Part # 34845
Download  34845 Click to download

File Size   686.64 Kbytes
Page   23 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low cost six channel led backlight driver with integrated power supply

34845 Datasheet (HTML) - Freescale Semiconductor, Inc


34845 Product details

Features
• Input voltage of 5.0 V to 21 V
• Boost output voltage up to 60 V
• 2.0 A integrated boost FET
• Fixed boost frequency - 300 kHz or 600 kHz
• OTP, OCP, UVLO fault detection
• LED short/open protection
• Programmable LED current between 3.0 mA and 30 mA




Similar Part No. - 34845

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34845 FREESCALE-34845 Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
34845A FREESCALE-34845A Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
34845B FREESCALE-34845B Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
More results


Similar Description - 34845

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34845 FREESCALE-34845 Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
logo
List of Unclassifed Man...
ZLED7022 ETC2-ZLED7022 Datasheet
433Kb / 16P
Low-Voltage Six-Channel LED Driver
logo
Freescale Semiconductor...
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
logo
Integrated Device Techn...
ZLED7022 IDT-ZLED7022 Datasheet
294Kb / 14P
Low-Voltage Six-Channel LED Driver
logo
Renesas Technology Corp
ZLED7022 RENESAS-ZLED7022 Datasheet
469Kb / 15P
Low-Voltage Six-Channel LED Driver
April 20, 2016
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com