Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C07A Datasheet (PDF) - Elma Electronic Ltd

C07A Datasheet PDF - Elma Electronic Ltd
Part # C07A
Download  C07A Download
File Size   626.1 Kbytes
Page   6 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Coded Switches Type 07 & CO7A

C07A Datasheet (PDF)

Go To PDF Page Download Datasheet
C07A Datasheet PDF - Elma Electronic Ltd

Part # C07A
Download  C07A Click to download

File Size   626.1 Kbytes
Page   6 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Coded Switches Type 07 & CO7A

C07A Datasheet (HTML) - Elma Electronic Ltd


C07A Product details

2 to 16 positions BCD, hex or gray coding
For rugged environments
Up to 3.5 Ncm switching torque
Gold plated contacts
THT (reflow version on request)
Washable (sealed contact system)
Optional IP68 front panel sealing (up to 5 bar)
Operating temperature range: -40 to +85°C
Various options and customization

Typical Applications
Frequency and channel selection for two way radios
Target ciming devices
Aircraft fransponders » Medical equipment
Industrial automation




Similar Part No. - C07A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0720A GENERAL-C0720A Datasheet
81Kb / 1P
COMPUTER CABLE
C0721A GENERAL-C0721A Datasheet
81Kb / 1P
COMPUTER CABLE
C0723A GENERAL-C0723A Datasheet
81Kb / 1P
COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
COMPUTER CABLE
C0725A GENERAL-C0725A Datasheet
81Kb / 1P
COMPUTER CABLE
More results


Similar Description - C07A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
ROTARY CODED SWITCHES
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
ROTARY CODED SWITCHES
logo
TOCOSAMERICA, INC.
TP7 TOCOS-TP7 Datasheet
223Kb / 3P
CODED SWITCHES
logo
celduc-relais
PXS10350 CELDUC-PXS10350 Datasheet
807Kb / 5P
CODED MAGNETIC SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com