Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40ML Datasheet (PDF) - Omron Electronics LLC

D40ML Datasheet PDF - Omron Electronics LLC
Part # D40ML
Download  D40ML Download
File Size   1171.2 Kbytes
Page   8 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Magnetic latching combines with RFID technology to deliver high holding force and tamper resistance

D40ML Datasheet (PDF)

Go To PDF Page Download Datasheet
D40ML Datasheet PDF - Omron Electronics LLC

Part # D40ML
Download  D40ML Click to download

File Size   1171.2 Kbytes
Page   8 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Magnetic latching combines with RFID technology to deliver high holding force and tamper resistance

D40ML Datasheet (HTML) - Omron Electronics LLC


D40ML Product details

• RFID provides a high degree of tamper resistance.
• Clean/Sanitize in Place – stainless steel versions are rated IP69K
• LEDs support easy fault diagnosis
• Install up to 20 switches in series
• Residual magnetism acts as light door latch after unlocking
• Two actuator types
- Basic – all actuators in the system are identically coded.
- Unique – every actuator is individually coded. 32,000,000 codes
- Both offer tolerance for misalignment
• Two switch sizes provide multiple holding force options
Medium Duty
- Stainless Steel: F1max (typical) 600N, Fzh 450N
- Plastic and Diecast: F1max (typical) 900N, Fzh 675N
Heavy Duty
- Stainless Steel: F1max (typical) 950N, Fzh 700N
- Plastic and Diecast: F1max (typical) 1500N, Fzh 1150N
• Three case materials
- Plastic, diecast metal, 316 stainless steel
• For use on machines with no rundown time if power is lost




Similar Part No. - D40ML

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D40ML-CBL-M12-05M OMRON-D40ML-CBL-M12-05M Datasheet
2Mb / 13P
Hall Effect Coded Magnet Non-contact Safety Switches
12/16
D40ML-CBL-M12-10M OMRON-D40ML-CBL-M12-10M Datasheet
2Mb / 13P
Hall Effect Coded Magnet Non-contact Safety Switches
12/16
More results


Similar Description - D40ML

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
122C TELEDYNE-122C Datasheet
131Kb / 3P
MAGNETIC-LATCHING
logo
Sanyou Corporation Limi...
SMAE SANYOU-SMAE Datasheet
493Kb / 3P
Magnetic Latching Relay
SY31D SANYOU-SY31D Datasheet
281Kb / 3P
Magnetic Latching Relay
SY31GN SANYOU-SY31GN Datasheet
279Kb / 3P
Magnetic Latching Relay
SY31X SANYOU-SY31X Datasheet
611Kb / 3P
Magnetic Latching Relay
SY32C SANYOU-SY32C Datasheet
329Kb / 4P
Magnetic Latching Relay
SY32M SANYOU-SY32M Datasheet
640Kb / 5P
Magnetic Latching Relay
SY33F SANYOU-SY33F Datasheet
548Kb / 3P
Magnetic Latching Relay
SY34 SANYOU-SY34 Datasheet
205Kb / 3P
Magnetic Latching Relay
logo
First Silicon Co., Ltd
SDF01 FS-SDF01 Datasheet
525Kb / 6P
With low holding and latching current
2021. 05. 21 Revision No : 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com