Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSPPAD148A Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

HSPPAD148A Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # HSPPAD148A
Download  HSPPAD148A Download
File Size   1162.32 Kbytes
Page   29 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Digital Pressure Sensor

HSPPAD148A Datasheet (PDF)

Go To PDF Page Download Datasheet
HSPPAD148A Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # HSPPAD148A
Download  HSPPAD148A Click to download

File Size   1162.32 Kbytes
Page   29 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Digital Pressure Sensor

HSPPAD148A Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


HSPPAD148A Product details

- Pressure Range
30 to 3200 kPa ( +9000m in altitude and 300m in depth )
- Supply Voltage
1.7 to 3.6 V (Typical 1.8V)
- Operating Temperature
-40 to +85 °C
- Package
Small LGA Package: 3.1mm x 3.1mm x 2.6mm
- Digital interface
I2C
- Current Consumption
1.8uA (Low power setting)
- Noise RMS
0.033kPa (High resolution setting)
- Sampling rate
200Hz max (Continuous mode)
- ESD robustness
- Excellent chlorine durability
- Lead free, RoHS instruction and Halogen free conforming




Similar Part No. - HSPPAD148A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD143A ALPS-HSPPAD143A Datasheet
1Mb / 28P
Digital Pressure Sensor
Sep/10/2019
HSPPAD147A ALPS-HSPPAD147A Datasheet
1Mb / 29P
・This sensor is digtal output humidity sensor .
Jun/30/2023
More results


Similar Description - HSPPAD148A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
Digital Pressure Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
Digital Pressure Sensor
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
Digital pressure sensor
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
Digital Pressure Sensor
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
Digital pressure sensor
BMP085 BOSCH-BMP085 Datasheet
644Kb / 27P
Digital pressure sensor
BMP183 BOSCH-BMP183 Datasheet
743Kb / 28P
Digital pressure sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
Digital Pressure Sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
Digital Pressure Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com