Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2R-5 Datasheet (PDF) - YAGEO Corporation

2R-5 Datasheet PDF - YAGEO Corporation
Part # 2R-5
Download  2R-5 Download
File Size   555.1 Kbytes
Page   8 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Gas DischargeTube(GDT)

2R-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
2R-5 Datasheet PDF - YAGEO Corporation

Part # 2R-5
Download  2R-5 Click to download

File Size   555.1 Kbytes
Page   8 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Gas DischargeTube(GDT)

2R-5 Datasheet (HTML) - YAGEO Corporation


2R-5 Product details

Features
■ Provideultra-fastresponsetosurgevoltagefromslow-rising
surgeof100V/storapid-risingsurgeof1KV/μs
■ Stable breakdownvoltage
■ High insulationresistance
■ Low capacitance(≤1.5pF)
■ High holdovervoltage
■ Largeabsorbingtransientcurrentcapability
■ Micro-GapDesign
■ Size:5.5mm*6.0mm
■ Storage andoperatingtemperature:-40℃ ~ +85℃
■ Meets MSLlevel1,perJ-STD-020
■ Safety certification:UL
Applications
■ Repeaters,Modems
■ TelephoneInterface,Linecards
■ Data communicationequipment
■ Line testequipment




Similar Part No. - 2R-5

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R-5 LEIDITECH-2R-5 Datasheet
703Kb / 5P
gas discharge tubes
logo
YAGEO Corporation
2R-5-SS YAGEO-2R-5-SS Datasheet
458Kb / 6P
Gas DischargeTube(GDT)
2R-5-SST4.2 YAGEO-2R-5-SST4.2 Datasheet
551Kb / 6P
Gas Discharge Tube (GDT)
Feb. 02, 2021 V.1
2R-5-ST5 YAGEO-2R-5-ST5 Datasheet
489Kb / 6P
Gas DischargeTube(GDT)
Jul.12,2023V.1
2R-5-UT5 YAGEO-2R-5-UT5 Datasheet
508Kb / 6P
Gas DischargeTube(GDT)
Jul.12,2023V.1
More results


Similar Description - 2R-5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
Gas Discharge Tube (GDT) Products
SL1003A090R LITTELFUSE-SL1003A090R Datasheet
140Kb / 5P
Gas Discharge Tube (GDT) Products
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com