Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374 Datasheet (PDF) - STMicroelectronics

L9374 Datasheet PDF - STMicroelectronics
Part # L9374
Download  L9374 Download
File Size   218.87 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Four channel valve driver

L9374 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9374 Datasheet PDF - STMicroelectronics

Part # L9374
Download  L9374 Click to download

File Size   218.87 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Four channel valve driver

L9374 Datasheet (HTML) - STMicroelectronics


L9374 Product details

Description
The L9374 is a four channel low side driver with integrated recirculation diodes. The switching of the channels is programmable via a SPI (Serial Peripheral Interface). The main time base is given by an external clock via CLKin. The Clock Unit monitors this external clock and provides the system clock for all timings.

Features
■ Four low-side output drivers with protection diagnostic
   – 2 PWM controlled channels (0.2Ωtyp)
   –2 current controlled channels with 6% accuracy (0.3Ωtyp)
■ All outputs with 35V Zener clamp
■ Programmable channel timer
■ Clock monitor
■ Integrated recirculation diodes
■ Serial Peripheral Interface with 16bits, up to 5MHz with diagnosis
■ Battery compatiblesupply voltage
■ Detailed Load diagnosis
   – Over load protection
   – Open Load
   – Under-current
   – Under Voltage
   – Temperature Warning and Shutdown
   – Power or Signal GND loss
   – Freewheeling diode loss
   – Silent valve driver test




Similar Part No. - L9374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9374LF STMICROELECTRONICS-L9374LF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
L9374TRLF STMICROELECTRONICS-L9374TRLF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
More results


Similar Description - L9374

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18293 NSC-LM18293 Datasheet
144Kb / 6P
Four Channel Push-Pull Driver
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
Four Channel Squib Driver IC
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
Four Channel Constant Current LED Driver
logo
Sanyo Semicon Device
LA6546H SANYO-LA6546H Datasheet
77Kb / 6P
Four-Channel Bridge (BTL) Driver
LA6579H SANYO-LA6579H Datasheet
93Kb / 8P
Four-Channel Bridge (BTL) Driver
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
Freescale Semiconductor...
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
Four Channel Squib Driver IC
logo
ON Semiconductor
NCS2564 ONSEMI-NCS2564_11 Datasheet
222Kb / 15P
Four-Channel Video Driver
April, 2011 ??Rev. 6
logo
STMicroelectronics
L9374LF STMICROELECTRONICS-L9374LF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com