Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P65SMT Datasheet (PDF) - PTR HARTMANN GmbH

P65SMT Datasheet PDF - PTR HARTMANN GmbH
Part # P65SMT
Download  P65SMT Download
File Size   691.1 Kbytes
Page   4 Pages
Manufacturer  PTRHARTMANN [PTR HARTMANN GmbH]
Direct Link  https://www.ptr-hartmann.com/
Logo PTRHARTMANN - PTR HARTMANN GmbH
Description Abgewinkelt 2,54mm Raster Through Hole Reflow

P65SMT Datasheet (PDF)

Go To PDF Page Download Datasheet
P65SMT Datasheet PDF - PTR HARTMANN GmbH

Part # P65SMT
Download  P65SMT Click to download

File Size   691.1 Kbytes
Page   4 Pages
Manufacturer  PTRHARTMANN [PTR HARTMANN GmbH]
Direct Link  https://www.ptr-hartmann.com/
Logo PTRHARTMANN - PTR HARTMANN GmbH
Description Abgewinkelt 2,54mm Raster Through Hole Reflow

P65SMT Datasheet (HTML) - PTR HARTMANN GmbH


P65SMT Product details

stabile Anschlussstifte
Kontakte mit abriebfester Hartgoldauflage
ESD-Schutz bis 8kV
100% elektronische Endkontrolle

Angular 2.54mm Pitch Through Hole Reflow
solid PCB pins
contacts with abrasion resistant hard gold plating
ESD-protection up to 8kV
100% electronic final inspection and testing




Similar Part No. - P65SMT

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P65 AMPHENOL-P65 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
List of Unclassifed Man...
P650 ETC2-P650 Datasheet
147Kb / 3P
SMP FEMALE-FEMALE STRAIGHT ADAPTER
logo
Sensata Technologies, I...
P650 SENSATA-P650 Datasheet
775Kb / 3P
PLATFORM CONTROL SYSTEM FOR SLAB SCISSOR LIFT
Rev:02/13/25
P650-00-01 SENSATA-P650-00-01 Datasheet
775Kb / 3P
PLATFORM CONTROL SYSTEM FOR SLAB SCISSOR LIFT
Rev:02/13/25
logo
PhaseLink Corporation
P650-01XC PLL-P650-01XC Datasheet
219Kb / 7P
Low EMI Network LAN Clock
More results


Similar Description - P65SMT

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74980100000 WURTH-74980100000 Datasheet
591Kb / 7P
WE-RJ45 LAN Transformer Through Hole Reflow
001.001
74980100001 WURTH-74980100001 Datasheet
694Kb / 7P
WE-RJ45LAN Transformer Through Hole Reflow
002.001
74980101200 WURTH-74980101200 Datasheet
596Kb / 7P
WE-RJ45 LAN Transformer Through Hole Reflow
001.001
74980104400 WURTH-74980104400 Datasheet
575Kb / 7P
WE-RJ45 LAN Transformer Through Hole Reflow
002.001
74980111212 WURTH-74980111212 Datasheet
728Kb / 7P
WE-RJ45LAN Transformer Through Hole Reflow
002.001
74981102100 WURTH-74981102100 Datasheet
599Kb / 7P
WE-RJ45 LAN Transformer Through Hole Reflow
001.001
74981104400 WURTH-74981104400 Datasheet
602Kb / 7P
WE-RJ45 LAN Transformer Through Hole Reflow
002.001
7498111123 WURTH-7498111123 Datasheet
690Kb / 7P
WE-RJ45LAN Transformer Through Hole Reflow
002.001
7498111124 WURTH-7498111124 Datasheet
690Kb / 7P
WE-RJ45LAN Transformer Through Hole Reflow
002.001
74982104400 WURTH-74982104400 Datasheet
598Kb / 7P
WE-RJ45 LAN Transformer Through Hole Reflow
002.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com