Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52B62SH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZT52B62SH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZT52B62SH
Download  BZT52B62SH Download
File Size   523.01 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, 2.4V - 75V Surface Mount Zener Diode

BZT52B62SH Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52B62SH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZT52B62SH
Download  BZT52B62SH Click to download

File Size   523.01 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, 2.4V - 75V Surface Mount Zener Diode

BZT52B62SH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BZT52B62SH Product details

FEATURES
●AEC-Q101 qualified
●Zener voltage range selection: 2.4V to 75V
●VZ tolerance selection of ± 2%
●Ideally suited for automated assembly processes
●Moisture sensitivity level: level 1, per J-STD-020
●RoHS Compliant
●Halogen-free
APPLICATIONS
●General regulation functions




Similar Part No. - BZT52B62SH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B62S TSC-BZT52B62S Datasheet
135Kb / 3P
200mW, 2% Tolerance SMD Zener Diode
BZT52B62S TSC-BZT52B62S Datasheet
238Kb / 6P
200mW, 2% Tolerance SMD Zener Diode
logo
Diode Semiconductor Kor...
BZT52B62S DSK-BZT52B62S Datasheet
252Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
BZT52B62S LUGUANG-BZT52B62S Datasheet
1Mb / 3P
Surface Mount Zener Diodes
logo
Thinki Semiconductor Co...
BZT52B62S THINKISEMI-BZT52B62S Datasheet
806Kb / 4P
ThinkiSemi 200mW,짹2% Tolerance,SOD-323 Outline Zener Diodes
More results


Similar Description - BZT52B62SH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 13 - 2
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 15 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
200mW Surface Mount Zener Diode
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
150mW Surface Mount Zener Diodes-2.4V-75V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com