Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDFD1-250 Datasheet (PDF) - Multicomp Pro

FDFD1-250 Datasheet PDF - Multicomp Pro
Part # FDFD1-250
Download  FDFD1-250 Download
File Size   192.37 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Vinyl Fully Insulated Double Crimp Female Quick Disconnects

FDFD1-250 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDFD1-250 Datasheet PDF - Multicomp Pro

Part # FDFD1-250
Download  FDFD1-250 Click to download

File Size   192.37 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Vinyl Fully Insulated Double Crimp Female Quick Disconnects

FDFD1-250 Datasheet (HTML) - Multicomp Pro


FDFD1-250 Product details

Max. Electrical Rating : 105°C 600 Volts Max.
Insulation Material : Vinyl
Insulation Colour : Red (22-16A.W.G.), Blue (16-14A.W.G.) & Yellow (12-10A.W.G.)
Double Crimp : With Copper Sleeve on Barrel
Terminal Material : Brass




Similar Part No. - FDFD1-250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDFD1-250 ETC2-FDFD1-250 Datasheet
136Kb / 3P
Insulated Crimp Terminals Metric
FDFD1-250 ETC2-FDFD1-250 Datasheet
136Kb / 3P
Insulated Crimp Terminals Metric
More results


Similar Description - FDFD1-250

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
logo
Molex Electronics Ltd.
0190070082 MOLEX4-0190070082 Datasheet
114Kb / 2P
InsulKrimp??Female Fully Insulated Quick Disconnect
0190050010 MOLEX4-0190050010 Datasheet
111Kb / 3P
InsulKrimp??Fully Insulated Female Quick
0196001302 MOLEX4-0196001302 Datasheet
129Kb / 2P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001307 MOLEX4-0196001307 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001300 MOLEX4-0196001300 Datasheet
129Kb / 2P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001308 MOLEX4-0196001308 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
logo
PANDUIT CORP.
DNFR14-206FIB PANDUIT-DNFR14-206FIB Datasheet
69Kb / 1P
RIGHT ANGLE FULLY INSULATED FEMALE DISCONNECTS
logo
Hubbell Incorporated.
FQP14F18X02D HUBBELL-FQP14F18X02D Datasheet
261Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 16 - 14 AWG
FQP18F25X03D HUBBELL-FQP18F25X03D Datasheet
260Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 22 - 18 AWG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com